Electronic Components Datasheet Search
  English  ▼

X  

TX Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # TX
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

TX Datasheet(HTML) 4 Page - Panasonic Battery Group

  TX Datasheet HTML 1Page - Panasonic Battery Group TX Datasheet HTML 2Page - Panasonic Battery Group TX Datasheet HTML 3Page - Panasonic Battery Group TX Datasheet HTML 4Page - Panasonic Battery Group TX Datasheet HTML 5Page - Panasonic Battery Group TX Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TX
ASCTB18E 201209-T
6-(1). Operate and release time (with diode)
Tested sample: TX2-5V, 10 pcs.
6-(2). Operate and release time (without diode)
Tested sample: TX2-5V, 10 pcs.
7. Ambient temperature characteristics
Tested sample: TX2-5V, 5 pcs.
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Operate time
Release time
1
2
4
5
70
80
100
120
0
3
90
110
Max.
Max.
Min.
Min.
Coil applied voltage, %V
Operate time
Release time
–40
40
20
–20
–40 –20
020 40
60
80
x
x
Ambient temperature,
°C
Drop-out
voltage
Pick-up voltage
8-(1). High frequency characteristics
(Isolation)
Tested sample: TX2-12V, 2 pcs.
8-(2). High frequency characteristics
(Insertion loss)
Tested sample: TX2-12V, 2 pcs.
9. Malfunctional shock (single side stable)
Tested sample: TX2-5V, 6 pcs.
50
10
100
1,000
100
Frequency, MHz
0.6
10
100
1,000
0.2
0.4
1.0
0.8
Frequency, MHz
Y'
Y
XZ
Z'
X'
Y
Y'
Z'
Z XX'
1000m/s
2
1000m/s2
1000m/s2
1000m/s
2
1000m/s
2
1000m/s2
Deenergized condition
Energized condition
10-(1). Influence of adjacent mounting
Tested sample: TX2-12V, 6 pcs.
10-(2). Influence of adjacent mounting
Tested sample: TX2-12V, 6 pcs.
–5
0
5
–5
0
5
ON
ON
OFF OFF
10
6
24
8
0
OFF
ON
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm
.394
.236
.079 .157
.315
inch
–5
0
5
–5
0
5
ON
ON
ON
OFF
OFF
OFF
10
6
24
8
0
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm
.394
.236
.079 .157
.315
inch
11. Pulse dialing test
Tested sample: TX2-5V, 6 pcs.
(35 mA 48 V DC wire spring relay load)
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
48V DC
458
Ω
0.08
µF
0.08
µF
458
Ω
4
3
TX
+
–
Wire spring relay
0
10
20
50
30
10
Max.
Max.
Min.
Min.
20
30
40
50
60
70
80
90
100
40
No. of operation,
×104
Pick-up voltage
Drop-out voltage
50
Max.
Min.
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
No. of operations,
×104
Note: Data of surface-mount type are the same as those of PC board terminal type.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com