Electronic Components Datasheet Search
  English  ▼

X  

MIC69103 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC69103
Description  Single Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69103 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC69103 Datasheet HTML 1Page - Micrel Semiconductor MIC69103 Datasheet HTML 2Page - Micrel Semiconductor MIC69103 Datasheet HTML 3Page - Micrel Semiconductor MIC69103 Datasheet HTML 4Page - Micrel Semiconductor MIC69103 Datasheet HTML 5Page - Micrel Semiconductor MIC69103 Datasheet HTML 6Page - Micrel Semiconductor MIC69103 Datasheet HTML 7Page - Micrel Semiconductor MIC69103 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MIC69101/103
December 2008
2
M9999-121908-B
Ordering Information
Part Number
Nominal
Output Voltage
Junction
Temperature Range
Package
Lead Finish
MIC69101-1.8YML
1.8V
–40° to +125°C
10-Pin 3x3 MLF
®
Pb-Free
MIC69103YML
Adj.
–40° to +125°C
10-Pin 3x3 MLF
®
Pb-Free
Pin Configuration
NC
EN
5
1
FLG
NC
GND
NC
10 ADJ/SNS
VOUT
NC
VIN
9
8
7
2
3
4
6
10-Pin 3mm x 3mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
FLG
Error Flag (Output): Open collector output. Active low indicates an output fault
condition.
2, 4, 5, 8
NC
Not internally connected.
3 (EP)
GND
Ground (exposed pad is recommended to connect to ground on MLF
®).
6
EN
Enable (Input): CMOS compatible input. Logic high = enable,
logic low = shutdown. Do not leave pin floating.
7
VIN
Input voltage which supplies current to the output power device.
9
VOUT
Regulator Output.
10 (Adj)
ADJ
Adjustable regulator feedback input. Connect to resistor voltage divider.
10 (Fixed)
SNS
Sense pin, connect to output for improved voltage regulation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com