Electronic Components Datasheet Search
  English  ▼

X  

MIC69150 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC69150
Description  Single Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69150 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC69150 Datasheet HTML 1Page - Micrel Semiconductor MIC69150 Datasheet HTML 2Page - Micrel Semiconductor MIC69150 Datasheet HTML 3Page - Micrel Semiconductor MIC69150 Datasheet HTML 4Page - Micrel Semiconductor MIC69150 Datasheet HTML 5Page - Micrel Semiconductor MIC69150 Datasheet HTML 6Page - Micrel Semiconductor MIC69150 Datasheet HTML 7Page - Micrel Semiconductor MIC69150 Datasheet HTML 8Page - Micrel Semiconductor MIC69150 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
MIC69151/153
July 2010
3
M9999-071210-D
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN)................................................6V
Logic Input Voltage (VEN, VLQ)................................ 0V to VIN
Power Dissipation (PD) ........................... Internally Limited
(3)
Flag ..................................................................................6V
Storage Temperature (TS).........................–65°C to +125°C
ESD
(4) ............................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)....................................... 1.65V to 5.5V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
3x3 MLF
® (θ
JA) ...................................................60°C/W
EPAD SOIC-8 (
θJA)............................................41°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VOUT + 1V; bold values indicate –40°C< TJ < +125°C; IOUT = 10mA; COUT 4.7µF ceramic, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy (Fixed)
Over temperature range
–2
+2
%
Adjustable Feedback Voltage
(Adj)
0.49
0.5
0.51
V
Feedback Pin Current
0.25
1
µA
Output Voltage Line Regulation
(Note 5)
VIN = VOUT +1.0V to 5.5V
For VOUT ≥ 0.65V, VIN = 1.65 to 5.5V
±0.2
±0.3
%/V
Output Voltage Load Regulation
IL = 10mA to 1.5A
±0.2
%
VIN – VO; Dropout Voltage
(Note 6)
IL = 1.0A
IL = 1.5A
185
250
300
500
mV
mV
Ground Pin Current
IL = 10mA
IL = 0.5A
IL = 1.5A
1.6
7.5
20
20
35
mA
mA
mA
Ground Pin Current in Shutdown
VEN = 0V
1
µA
Current Limit
VOUT = 0V
1.7
2.6
A
Start-up Time
VEN = VIN
10
150
µs
Thermal Shutdown
165
°C
Enable Input
Enable Input Threshold
Regulator enable
Regulator shutdown
0.8
0.6
0.2
V
V
Enable Pin Input Current
VIL ≤ 0.2V (Regulator shutdown)
VIH ≥ 0.8V (Regulator enable)
0.005
7
µA
µA
Flag Output
IFLG(LEAK)
Flag Output Leakage Current (Flag Off)
0.05
µA
VFLG(LO)
Output Logic-Low Voltage (undervoltage condition),
IL = 5mA
150
mV
VFLG
Threshold, % of VOUT below nominal (falling)
7.5
10
14
%
Hysteresis
2
%
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is (PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature and the regulator will go into thermal shutdown.
4. Specification for packaged product only.
5. Minimum input for line regulation test is set to VOUT + 1V relative to the highest output voltage.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
For outputs below 1.65V, dropout voltage is considered the input-to-output voltage differential with the minimum input voltage of 1.65V. Minimum
input operating voltage is 1.65V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com