Electronic Components Datasheet Search
  English  ▼

X  

MIC94162YCS Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC94162YCS
Description  3A High-Side Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94162YCS Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC94162YCS Datasheet HTML 1Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 2Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 3Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 4Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94162YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC94161/2/3/4/5
3A High-Side Load Switch
with Reverse Blocking
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 14, 2014
Revision 1.1
General Description
The MIC94161/2/3/4/5 is a family of high-side load
switches designed to operate from 1.7V to 5.5V input
voltage. The load switch pass element is an internal
14.5mΩ R
DSON N-Channel MOSFET
which enables the
device to support up to 3A of continuous current.
Additionally, the load switch supports 1.5V logic level
control and shutdown features in a tiny 1.5mm × 1mm
6-ball WLCSP package.
The MIC9416x provides reverse current protection when
the device is disabled. The device will not allow the flow of
current from the output to the input when the device is
turned
OFF.
Additionally,
the
MIC94161
features
overvoltage protection to protect the load when the input
voltage is above 4.55V, as well as a precise enable
threshold which keeps the MIC94161 in the default OFF
state until the EN pin rises above 1.15V.
The MIC94161/2/3/4/5 operating voltage range makes
them
ideal
for
Lithium-ion
and
NiMH/NiCad/Alkaline
battery-powered systems, as well as non-battery-powered
applications. The devices provide low quiescent current
and low shutdown current to maximize battery life.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 1.5mm × 1mm 6-ball WLCSP package
•
14.5mΩ R
DSON
• 1.7V to 5.5V input voltage range
• 3A continuous operating current
• Reverse current flow blocking (no “body diode”)
• Internal level shift for CMOS/TTL control logic
• Ultra-low quiescent current
• Micropower shutdown current
• Soft-start: MIC94161/4/5 (2.7ms)
• Load discharge circuit: MIC94162/4
• Ultra-fast turn-off time
• Junction operating temperature from −40°C to +125°C
Applications
• Solid state drives (SSD)
• Smart phones and tablets
• Personal media players (PMP)
• Ultra mobile PCs
• Portable instrumentation
• GPS modules
• Datacom equipment
Typical Application
MIC94161 (2.7ms Soft Start with OVP)
MIC94163 (Ultra-Fast Turn On)
MIC94165 (2.7ms Soft Start)
MIC94162 (Ultra-Fast Turn On with Auto Discharge)
MIC94164 (2.7ms Soft Start with Auto Discharge)


Similar Part No. - MIC94162YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94162YCS MICREL-MIC94162YCS Datasheet
742Kb / 12P
3A High-Side Load Switch with Reverse Blocking
More results

Similar Description - MIC94162YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
logo
Vishay Siliconix
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
Protected 1-A High-Side Load Switch
06-Oct-08
logo
Micrel Semiconductor
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
logo
Anpec Electronics Corop...
APL3580 ANPEC-APL3580 Datasheet
223Kb / 14P
33mW 3A High Side Load Switches
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
High Side Load Switch
logo
ON Semiconductor
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
logo
Micrel Semiconductor
MIC9416X MICREL-MIC9416X Datasheet
742Kb / 12P
3A High-Side Load Switch with Reverse Blocking
logo
IC-Haus GmbH
IC-HGP ICHAUS-IC-HGP Datasheet
861Kb / 20P
3A HIGH-SIDE LASER SWITCH
logo
Vishay Siliconix
SIP4612A VISHAY-SIP4612A_V01 Datasheet
404Kb / 10P
Protected 1-A High-Side Load Switch
24-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com