Electronic Components Datasheet Search
  English  ▼

X  

EL2044CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2044CS
Description  Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2044CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL2044CS Datasheet HTML 2Page - Elantec Semiconductor EL2044CS Datasheet HTML 3Page - Elantec Semiconductor EL2044CS Datasheet HTML 4Page - Elantec Semiconductor EL2044CS Datasheet HTML 5Page - Elantec Semiconductor EL2044CS Datasheet HTML 6Page - Elantec Semiconductor EL2044CS Datasheet HTML 7Page - Elantec Semiconductor EL2044CS Datasheet HTML 8Page - Elantec Semiconductor EL2044CS Datasheet HTML 9Page - Elantec Semiconductor EL2044CS Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
EL2044C
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
Gain-Bandwidth Product
vs Supply Voltage
Open-Loop Gain
vs Supply Voltage
Slew-Rate vs
Supply Voltage
Voltage Swing
vs Load Resistance
Open-Loop Gain
vs Load Resistance
Bias and Offset Current
vs Input Common-Mode
Voltage
Offset Voltage
vs Temperature
Bias and Offset
Current vs Temperature
Supply Current
vs Temperature
Open-Loop Gain PSRR
and CMRR vs Temperature
Slew Rate vs
Temperature
Gain-Bandwidth Product
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com