Electronic Components Datasheet Search
  English  ▼

X  

W1063 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # W1063
Description  Solutions for Mobile Phone Antennas
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W1063 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  W1063 Datasheet HTML 1Page - Pulse A Technitrol Company W1063 Datasheet HTML 2Page - Pulse A Technitrol Company W1063 Datasheet HTML 3Page - Pulse A Technitrol Company W1063 Datasheet HTML 4Page - Pulse A Technitrol Company W1063 Datasheet HTML 5Page - Pulse A Technitrol Company W1063 Datasheet HTML 6Page - Pulse A Technitrol Company W1063 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6
www.pulseelectronics.com
G003.Y (6/11)
Pulse Jack
E l e c t r o n i c s
Part Number
Frequency
(MHz)
Gain
(dBi)
Description
Length
(in/mm)
Coax 1
Connector 1
R380.500.314
2400-2500/4900-5900
1.6/5
Swivel Mount Dipole
7/177.8
—
RPTNC
SB450FME3
450-470
2.14
Stealth Blade
10/254
3’ RG-316
FME
SB8003
806-896
2.14
Stealth Blade
2.5/132
3’ RG-174
No Conn
SB9003
890-960
2.14
Stealth Blade
2.5/132
3’ RG-174
No Conn
SPDA24850/1900
824-894/1850-1990
—
Center Fed Dipole,
Articulating Right Angle
6.75/171
—
SMA
SPWB23150
136-174
—
Wideband
6.75/171
—
SMA F T3
SPWH23832
782-882
—
Whip, Standard, ¼ Wave
3/76
—
SMA F T3
SPWH23918
863-973
—
Whip, Standard, ¼ Wave
3/76
—
SMA F T3
SPHS24832
800-864
—
Helical, Standard, ¼ Wave
3/76
—
SMA F T2
SPDA17806/2170TNCLAR
806-960/1710-2170
5
Pentaband Swivel Mount Dipole
7.5/190.5
—
TNC Male
W1920G0915
806-960/1710-2170
1.5
Stealth Blade
4.3/110
3’ RG-174
SMA Male
W1920G3658
806-960/1710-2170
1.5
Stealth Blade
4.3/110
9’ RG-174
SMA Male
1. UHF and VHF portable/terminal antennas also available.
ANTENNAS FOR wIRELESS DEVICES (continued)
Alternative
ANTENNAS
YA5900W
890-960
11 dBi
Fully welded
seven element Yagi
30/762
—
N Female
YA6900W
890 - 960
8 dBi
Fully welded
four element Yagi
17.5/444.5
—
N Female
OC806/2170TNCLAR
806 - 960/1710 - 2170
1.5/2.5
Pentaband Omni Ceiling
7 dia/177 dia
8” RG-405
TNC Male
LP806/2170TNCLAR
806 - 960/1710 - 2170
0/1.5
Pentaband Low Profile
5.75 dia/146 dia
15' LMR-195
TNC Male
RO806/2170TNCWA
806 - 960/1710 - 2170
4/4
Pentaband Radome Omni
16.5/419
—
TNC Male
RO2408NF
2400 - 2500
8
Radome Omni
20/508
—
N Female
RO2408NM
2400 - 2500
8
Radome Omni
20/508
—
N Male
RO4910NF
4940 - 4990
10
Radome Omni
18/457
—
N Female
RO4910NM
4940 - 4990
10
Radome Omni
18/457
—
N Male
1. Variety of Coax availble. Order separately.
Single-Band Infrastructure Antennas
Part
Frequency
Gain
Description
Length
Coax 1
Connector 1
Number
(MHz)
(dBi)
(in/mm)
Infrastructure
Solutions
Alternative
Wireless Solutions
Pulse offers a wide variety of alternative wireless solutions for applications including machine-to-machine, public safety, hand-held
radios, and telematics.
* Table for Single-Band Infrastructure Antennas, continued on next page. ➔



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com