Electronic Components Datasheet Search
  English  ▼

X  

PS9714 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9714
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9714 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9714 Datasheet HTML 1Page - California Eastern Labs PS9714 Datasheet HTML 2Page - California Eastern Labs PS9714 Datasheet HTML 3Page - California Eastern Labs PS9714 Datasheet HTML 4Page - California Eastern Labs PS9714 Datasheet HTML 5Page - California Eastern Labs PS9714 Datasheet HTML 6Page - California Eastern Labs PS9714 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PS9714
FEATURES
NEC's HIGH CMR, 10 Mbps
OPEN COLLECTOR OUTPUT TYPE
5 PIN SOP OPTOCOUPLER
DESCRIPTION
NEC's PS9714 is an optically coupled, high speed isolator
containing a GaAIAs LED on the light emitting diode (input)
side and a photodiode and a signal procesing circuit on the
detector (output) side on one chip. The PS9714 is in a plastic
SOP (Small Outline Package) for high density applications.
•
HIGH COMMON MODE TRANSIENT IMMUNITY:
CMH, CML: ± 20 kV/µs TYP
• PULSE WIDTH DISTORTION:
|tPHL - tPLH| = 3 ns TYP
•
HIGH SPEED RESPONSE:
10 Mbps
•
HIGH ISOLATION VOLTAGE:
BV: 2500 Vr.m.s.
•
OPEN COLLECTOR OUTPUT TYPE
•
SMALL OUTLINE PACKAGE:
5 PIN SOP
•
TAPE AND REEL AVAILABLE:
PS9714-F3, F4: 3500 Pcs/Reel
• SAFETY STANDARDS:
UL and VDE0884 approved
APPLICATIONS
•
MEASUREMENT EQUIPMENT
•
PDP
•FACTORY AUTOMATION NETWORK
ELECTRICAL CHARACTERISTICS (TA = -40 to +85°C unless otherwise specified)
PART NUMBER
PS9714
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA, TA = 25°CV
1.4
1.65
1.9
IR
Reverse Current, VR = 3 V, TA = 25°C
µA10
Ct
Terminal Capacitance, V = 0 V, f = 1 MHz, TA = 25°CpF
30
IOH
High Level Output Current, VCC = VO = 5.5 V, VF = 0.8 V
µA
0.02
250
VOL
Low Level Output Voltage, VCC = 5.5 V, IF = 5 mA, IO = 13 mA
V
0.15
0.6
ICCH
High Level Supply Current, VCC = 5.5 V, IF = 0 mA
mA
3
8
ICCL
Low Level Supply Current, VCC = 5.5 V, IF = 10 mA
mA
7.0
11
IFHL
Threshold Input Current, VCC = 5 V, VO = 0.8 V, RL = 350 Ω
%
2.0
5.0
RI-O
Isolation Resistance,Vin-out = 1kVDC, RH = 40 to 60%, TA = 25°C
Ω
1011
CI-O
Isolation Capacitance, V = 0, f = 1 MHz, TA = 25°CpF
0.9
tPHL
Propagation Delay Time, High → Low1,VCC = 5 V, IF = 7.5 mA, RL = 350 Ω
ns
100
TA = 25°C54
75
tPLH
Propagation Delay Time, Low → High1, VCC = 5 V, IF = 7.5 mA, RL = 350 Ω
ns
100
TA = 25°C51
75
tr
Rise Time, VCC = 5 V, IF = 7.5 mA, RL = 350 Ω
ns
20
tf
Fall Time, VCC = 5 V, IF = 7.5 mA, RL = 350 Ω
ns
10
PWD
Pulse Width Distortion, VCC = 5 V, IF = 7.5 mA, RL = 350 Ω
ns
3
50
tPSK
Propagation Skew, VCC = 5 V, IF = 7.5 mA, RL = 350 Ω
ns
60
CMH
Common Mode Transient Immunity at High Level Output2
kV/µs10
20
VCC = 5 V, VCM = 1 kV, TA = 25°C, IF = 0 mA, VO (MIN) = 2 V
CML
Common Mode Transient Immunity at Low Level Output2
kV/µs10
20
VCC = 5 V, VCM = 1 kV, TA = 25°C, IF = 7.5 mA, VO (MAX) = 0.8 V
Please see notes on the next page.
California Eastern Laboratories


Similar Part No. - PS9714

ManufacturerPart #DatasheetDescription
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS9714-F3 NEC-PS9714-F3 Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS9714-F4 NEC-PS9714-F4 Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS9714-V NEC-PS9714-V Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS9714-V-F3 NEC-PS9714-V-F3 Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
More results

Similar Description - PS9714

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9814 ETC-PS9814 Datasheet
110Kb / 3P
NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117 NEC-PS9117 Datasheet
522Kb / 10P
NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
logo
California Eastern Labs
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com