Electronic Components Datasheet Search
  English  ▼

X  

PS9587 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9587
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9587 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9587 Datasheet HTML 2Page - California Eastern Labs PS9587 Datasheet HTML 3Page - California Eastern Labs PS9587 Datasheet HTML 4Page - California Eastern Labs PS9587 Datasheet HTML 5Page - California Eastern Labs PS9587 Datasheet HTML 6Page - California Eastern Labs PS9587 Datasheet HTML 7Page - California Eastern Labs PS9587 Datasheet HTML 8Page - California Eastern Labs PS9587 Datasheet HTML 9Page - California Eastern Labs PS9587 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet PN10678EJ04V0DS
6
PS9587,PS9587L1,PS9587L2,PS9587L3
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
*1
IF
30
mA
Reverse Voltage
VR
5
V
Detecto
r
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation
*2
PC
40
mW
Isolation Voltage
*3
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
40 to +85
C
Storage Temperature
Tstg
55 to +125
C
*1 Reduced to 0.3 mA/ C at TA = 25 C or more.
*2 Applies to output pin VO (Collector pin). Reduced to 1.5 mW / C at TA = 65 C or more.
*3 AC voltage for 1 minute at TA = 25 C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25 C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
High Level Input Current
IFH
6.3
10
12.0
mA
Low Level Input Voltage
VFL
0
0.8
V
Supply Voltage
VCC
4.5
5.0
5.5
V
TTL (RL = 1 k , loads)
N
5
Pull-up Resistance
RL
330
4 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com