Electronic Components Datasheet Search
  English  ▼

X  

PS9513 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS9513
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9513 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS9513 Datasheet HTML 3Page - California Eastern Labs PS9513 Datasheet HTML 4Page - California Eastern Labs PS9513 Datasheet HTML 5Page - California Eastern Labs PS9513 Datasheet HTML 6Page - California Eastern Labs PS9513 Datasheet HTML 7Page - California Eastern Labs PS9513 Datasheet HTML 8Page - California Eastern Labs PS9513 Datasheet HTML 9Page - California Eastern Labs PS9513 Datasheet HTML 10Page - California Eastern Labs PS9513 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet PN10679EJ03V0DS
7
PS9513,PS9513L1,PS9513L2 PS9513L3
ELECTRICAL CHARACTERISTICS (TA = 40 to +100 C, VCC = 15 V, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.3
1.65
2.1
V
Reverse Current
IR
VR = 3 V
200
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25 C
30
pF
Detector Low Level Output Voltage
VOL
IF = 10 mA, IOL = 2.4 mA
0.13
0.6
V
High Level Output Current
IOH
VCC = 30 V, VF = 0.8 V
1.0
50
A
High Level Supply Current
ICCH
VCC = 30 V, VF = 0.8 V, VO = open
0.6
1.3
mA
Low Level Supply Current
ICCL
VCC = 30 V, IF = 10 mA, VO = open
0.6
1.3
mA
Coupled
Threshold Input Current
(H
L)
IFHL
VO = 0.8 V, IO = 0.75 mA
0.86
5.0
mA
Current Transfer Ratio (IC/IF)
CTR
IF = 10 mA, VO = 0.6 V
44
110
%
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25 C
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25 C
0.7
pF
Propagation Delay Time
(H
L)
*2
tPHL
IF = 10 mA, RL = 20 k , CL = 100 pF,
VTHHL = 1.5 V, VTHLH = 2.0 V
250
500
ns
Propagation Delay Time
(L
H)
*2
tPLH
520
750
Maximum Propagation
Delays
tPLH tPHL
200
270
650
Pulse Width Distortion
(PWD)
*2
|tPHL tPLH
|
270
650
Common Mode
Transient Immunity at High
Level Output
*3
CMH
TA = 25 C, IF = 0 mA, VO > 3.0 V,
VCM = 1.5 kV, RL = 20 k ,
CL = 100 pF
15
kV/ s
Common Mode
Transient Immunity at Low
Level Output
*3
CML
TA = 25 C, IF = 10 mA, VO < 1.0 V,
VCM = 1.5 kV, RL = 20 k ,
CL = 100 pF
15
kV/ s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com