Electronic Components Datasheet Search
  English  ▼

X  

PS9113 Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9113
Description  1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9113 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9113 Datasheet HTML 7Page - California Eastern Labs PS9113 Datasheet HTML 8Page - California Eastern Labs PS9113 Datasheet HTML 9Page - California Eastern Labs PS9113 Datasheet HTML 10Page - California Eastern Labs PS9113 Datasheet HTML 11Page - California Eastern Labs PS9113 Datasheet HTML 12Page - California Eastern Labs PS9113 Datasheet HTML 13Page - California Eastern Labs PS9113 Datasheet HTML 14Page - California Eastern Labs PS9113 Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PS9113
RECOMMENDED MOUNT PAD DIMENSIONS (UNIT: mm)
<R>
1.45
5.5
Data Sheet PN10265EJ05V0DS
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com