Electronic Components Datasheet Search
  English  ▼

X  

EL2072CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2072CS
Description  730 MHz Closed Loop Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2072CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2072CS Datasheet HTML 1Page - Elantec Semiconductor EL2072CS Datasheet HTML 2Page - Elantec Semiconductor EL2072CS Datasheet HTML 3Page - Elantec Semiconductor EL2072CS Datasheet HTML 4Page - Elantec Semiconductor EL2072CS Datasheet HTML 5Page - Elantec Semiconductor EL2072CS Datasheet HTML 6Page - Elantec Semiconductor EL2072CS Datasheet HTML 7Page - Elantec Semiconductor EL2072CS Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EL2072C
730 MHz Closed Loop Buffer
Absolute Maximum Ratings (T
A
e
25 C)
Supply Voltage (VS)
g
7V
Output Current
Output is short-circuit protect-
ed to ground however maxi-
mum reliability is obtained if
IOUT does not exceed 70 mA
Input Voltage
g
VS
Operating Temperature
b
40 Cto a85 C
Junction Temperature
175 C
Storage Temperature
b
60 Cto a150 C
Thermal Resistance
iJA e 95 CW P-DIP
iJA e 175 CW SO
Note See EL2071EL2171 for Thermal Impedance curves
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics
VS e g5V RL e 100X RS e 50X unless otherwise specified
Parameter
Description
Test
Temp
Min
Typ
Max
Test
Units
Conditions
Level
VOS
Output Offset Voltage
25 C
20
80
I
mV
TMIN
160
V
mV
TMAX
130
V
mV
TCVOS
Average Offset
25 C b TMAX
200
500
IV
mV C
Voltage Drift
25 C b TMIN
200
1000
IB
Input Bias Current
25 C TMAX
100
500
II
mA
TMIN
1000
V
mA
TCIB
Average Input Bias
25 C b TMAX
2000
3000
IV
nA C
Current Drift
25 C b TMIN
2000
7000
AV
Small Signal Gain
RL e 100X
25 C
096
098
I
VV
TMIN TMAX
095
V
VV
ILIN
Integral End
g
2V FS
25 C
02
04
IV
%FS
Point linearity
TMIN
08
IV
%FS
TMAX
03
IV
%FS
PSRR
Power Supply
All
450
650
II
dB
Rejection Ratio
IS
Supply CurrentQuiescent
No Load
All
150
200
II
mA
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com