Electronic Components Datasheet Search
  English  ▼

X  

PS9332L Datasheet(PDF) 17 Page - California Eastern Labs

Part # PS9332L
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L Datasheet(HTML) 17 Page - California Eastern Labs

Back Button PS9332L Datasheet HTML 12Page - California Eastern Labs PS9332L Datasheet HTML 13Page - California Eastern Labs PS9332L Datasheet HTML 14Page - California Eastern Labs PS9332L Datasheet HTML 15Page - California Eastern Labs PS9332L Datasheet HTML 16Page - California Eastern Labs PS9332L Datasheet HTML 17Page - California Eastern Labs PS9332L Datasheet HTML 18Page - California Eastern Labs PS9332L Datasheet HTML 19Page - California Eastern Labs PS9332L Datasheet HTML 20Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
PS9332L, PS9332L2
Chapter Title
R08DS0105EJ0100 Rev.1.00
Page 17 of 18
Sep 06, 2013
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
Parameter
Symbol
Spec.
Unit
Maximum repetitive peak operating isolation voltage
UIORM
1 130
Vpeak
Partial discharge test voltage at 100% production test
Upr = 1.875
× UIORM., Method b, tm=1sec, pd < 5 pC
Upr
1 808
Vpeak
Partial discharge test voltage at Type test and Sample test
Upr = 1.875
× UIORM., Method a, tm=10sec, pd < 5 pC
Upr
2 119
Vpeak
Maximum transient isolation voltage (Transient overvoltage tini=60sec)
UiOTM
8 000
Vpeak
Installation classification (IEC 60664/ DIN EN 60664-1/ VDE0110 Part 1)
for rated mains voltage <
300 Vr.m.s.
for rated mains voltage <
600 Vr.m.s.
for rated mains voltage < 1 000 Vr.m.s.
I - IV
I - IV
I - III
Comparative tracking index (IEC 60112/ DIN EN 60112/ VDE 0303 Part 11)
CTI
175
Material group (DIN EN 60664-1/ VDE0110 Part 1)
III a
Pollution degree (DIN EN 60664-1/ VDE0110 Part 1)
2
Climatic category (IEC 60068-1/ DIN EN 60068-1)
40/125/21
Operating temperature range
TA
–40 to +125
°C
Storage temperature range
Tstg
–55 to +150
°C
Isolation resistance, minimum value
VIO = 500 Vdc at TA = 25°C
VIO = 500 Vdc at TA MAX. at least 100°C
Ris MIN.
Ris MIN.
10
12
10
11
Ω
Ω
Safety limiting values ratings (maximum allowable in the event of a fault
or a failure, see thermal derating curve)
Maximum ambient safety temperature
Maximum input current
Maximum output power
Isolation resistance at VIO= 500 Vdc, TA=Ts
Ts
Isi
Pso
Ris MIN.
175
400
700
10
9
°C
mA
mW
Ω
<R>
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com