Electronic Components Datasheet Search
  English  ▼

X  

EL2073CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2073CS
Description  200MHz Unity-Gain Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2073CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2073CS Datasheet HTML 3Page - Elantec Semiconductor EL2073CS Datasheet HTML 4Page - Elantec Semiconductor EL2073CS Datasheet HTML 5Page - Elantec Semiconductor EL2073CS Datasheet HTML 6Page - Elantec Semiconductor EL2073CS Datasheet HTML 7Page - Elantec Semiconductor EL2073CS Datasheet HTML 8Page - Elantec Semiconductor EL2073CS Datasheet HTML 9Page - Elantec Semiconductor EL2073CS Datasheet HTML 10Page - Elantec Semiconductor EL2073CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
EL2073C
200MHz Unity-Gain Stable Operational Amplifier
Small Signal Transient Response
Large Signal Transient Response
Differential Gain and Phase vs DC
Input Offset at 3.58MHz
Differential Gain and Phase vs
DC Input Offset at 4.43MHz
Differential Gain and Phase vs
DC Input Offset at 30MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 30MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 4.43MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 3.58MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com