Electronic Components Datasheet Search
  English  ▼

X  

PS9332L-AX Datasheet(PDF) 19 Page - California Eastern Labs

Part # PS9332L-AX
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, ACTIVE MILLER CLAMP, 8-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9332L-AX Datasheet(HTML) 19 Page - California Eastern Labs

Back Button PS9332L-AX Datasheet HTML 12Page - California Eastern Labs PS9332L-AX Datasheet HTML 13Page - California Eastern Labs PS9332L-AX Datasheet HTML 14Page - California Eastern Labs PS9332L-AX Datasheet HTML 15Page - California Eastern Labs PS9332L-AX Datasheet HTML 16Page - California Eastern Labs PS9332L-AX Datasheet HTML 17Page - California Eastern Labs PS9332L-AX Datasheet HTML 18Page - California Eastern Labs PS9332L-AX Datasheet HTML 19Page - California Eastern Labs PS9332L-AX Datasheet HTML 20Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
All trademarks and registered trademarks are the property of their respective owners.
C - 1
Revision History
PS9332L, PS9332L2 Data Sheet
Description
Rev.
Date
Page
Summary
0.01
Nov 30, 2012
−
First edition issued
Throughout
“Preliminary Data Sheet” is changed to “Data Sheet.”
p.1
Addition of Safety standards
p.3
Addition of ORDERING INFORMATION
p.4
Modification of ABSOLUTE MAXIMUM RATINGS
p.5
Modification of ELECTRICAL / SWITCHING CHARACTERISTICS
p.6 to 7
Modification of TEST CIRCUIT
p.8 to 11
Addition of TYPICAL CHARACTERISTICS
1.00
Sep 06, 2013
p.17
Addition of SPECIFICATION OF VDE MARKS LICENSE DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com