Electronic Components Datasheet Search
  English  ▼

X  

EL2074CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2074CS
Description  400MHz GBWP Gain-of-2 Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2074CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2074CS Datasheet HTML 1Page - Elantec Semiconductor EL2074CS Datasheet HTML 2Page - Elantec Semiconductor EL2074CS Datasheet HTML 3Page - Elantec Semiconductor EL2074CS Datasheet HTML 4Page - Elantec Semiconductor EL2074CS Datasheet HTML 5Page - Elantec Semiconductor EL2074CS Datasheet HTML 6Page - Elantec Semiconductor EL2074CS Datasheet HTML 7Page - Elantec Semiconductor EL2074CS Datasheet HTML 8Page - Elantec Semiconductor EL2074CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL2074C is a precision voltage-feedback amplifier featuring a
400MHz gain-bandwidth product, fast settling time, excellent differ-
ential gain and differential phase performance, and a minimum of
50mA output current drive over temperature.
The EL2074C is gain-of-2 stable with a -3dB bandwidth of 400MHz
at AV = +2. It has a very low 200µV of input offset voltage, only 2µA
of input bias current, and a fully symmetrical differential input. Like
all voltage-feedback operational amplifiers, the EL2074C allows the
use of reactive or non-linear components in the feedback loop. This
combination of speed and versatility makes the EL2074C the ideal
choice for all op-amp applications at a noise gain of 2 or greater
requiring high speed and precision, including active filters, integra-
tors, sample-and-holds, and log amps. The low distortion, high output
current, and fast settling makes the EL2074C an ideal amplifier for
signal-processing and digitizing systems.
Connection Diagram
1
2
3
4
8
7
6
5
EL2074C
(8-Pin SO & 8-Pin PDIP)
NC
IN-
IN+
V-
NC
V+
OUT
NC
-
+
Features
• 400MHz gain-bandwidth product
• Gain-of-2 stable
• Ultra low video distortion =
0.01%/0.015° @NTSC/PAL
• Conventional voltage-feedback
topology
• Low offset voltage = 200µV
• Low bias current = 2µA
• Low offset current = 0.1µA
• Output current = 50mA over
temperature
• Fast settling = 13ns to 0.1%
• Low distortion = -55dB HD2, ------
-70dB HD3 @20MHz, 2VPP, AV =
+2
Applications
• High resolution video
• Active filters/integrators
• High-speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• High speed sample-and-holds
Ordering Information
Part No.
Package
Tape & Reel
Outline #
EL2074CN
8-Pin PDIP
-
MDP0031
EL2074CS
8-Pin SO
-
MDP0027
EL2074CS-T7
8-Pin SO
7”
MDP0027
EL2074CS-T13
8-Pin SO
13”
MDP0027
EL2074C
400MHz GBWP Gain-of-2 Stable Operational Amplifier


Similar Part No. - EL2074CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2074CS INTERSIL-EL2074CS Datasheet
227Kb / 10P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
September 26, 2001
EL2074CS-T13 INTERSIL-EL2074CS-T13 Datasheet
227Kb / 10P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
September 26, 2001
EL2074CS-T7 INTERSIL-EL2074CS-T7 Datasheet
227Kb / 10P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
September 26, 2001
More results

Similar Description - EL2074CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
September 26, 2001
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
September 26, 2001
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
200MHz Unity-Gain Stable Operational Amplifier
September 26, 2001
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com