Electronic Components Datasheet Search
  English  ▼

X  

PS9214 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9214
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9214 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9214 Datasheet HTML 1Page - California Eastern Labs PS9214 Datasheet HTML 2Page - California Eastern Labs PS9214 Datasheet HTML 3Page - California Eastern Labs PS9214 Datasheet HTML 4Page - California Eastern Labs PS9214 Datasheet HTML 5Page - California Eastern Labs PS9214 Datasheet HTML 6Page - California Eastern Labs PS9214 Datasheet HTML 7Page - California Eastern Labs PS9214 Datasheet HTML 8Page - California Eastern Labs PS9214 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet PN10536EJ04V0DS
2
PS9214
PACKAGE DIMENSIONS (UNIT: mm)
MARKING EXAMPLE
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com