Electronic Components Datasheet Search
  English  ▼

X  

PS9121 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9121
Description  The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9121 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9121 Datasheet HTML 1Page - California Eastern Labs PS9121 Datasheet HTML 2Page - California Eastern Labs PS9121 Datasheet HTML 3Page - California Eastern Labs PS9121 Datasheet HTML 4Page - California Eastern Labs PS9121 Datasheet HTML 5Page - California Eastern Labs PS9121 Datasheet HTML 6Page - California Eastern Labs PS9121 Datasheet HTML 7Page - California Eastern Labs PS9121 Datasheet HTML 8Page - California Eastern Labs PS9121 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PHOTOCOUPLER
PS9121
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE
5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
−NEPOC Series−
Document No. PN10502EJ05V0DS (5th edition)
Date Published August 2008 NS
DESCRIPTION
The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
and a photodiode and a signal processing circuit on the output side on one chip.
The PS9121 is designed specifically for high common mode transient immunity (CMR) and low pulse width
distortion. The PS9121 is suitable for high density application.
FEATURES
• Low power consumption (VCC = 3.3 V)
• Pulse width distortion (
⏐tPHL − tPLH⏐ = 35 ns MAX.)
53
12
4
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
• High common mode transient immunity (CMH, CML =
±15 kV/
μs MIN.)
• Small package (SO-5)
• High-speed (15 Mbps)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Open collector output
• Ordering number of taping product: PS9121-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
TRUTH TABLE
LED
Output
ON
L
OFF
H
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No.40008902 (option)
• CSA approved: File No. 2115283 (CA 101391)
APPLICATIONS
• Measurement equipment
• PDP
• FA Network
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2004, 2008


Similar Part No. - PS9121

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121 Datasheet
301Kb / 17P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Micro Device...
PS9121-F3 CALMIRCO-PS9121-F3 Datasheet
2Mb / 7P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
List of Unclassifed Man...
6N135 ETC-6N135 Datasheet
62Kb / 4P
HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
California Eastern Labs
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com