Electronic Components Datasheet Search
  English  ▼

X  

SMBJ58A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMBJ58A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ58A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMBJ58A Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ58A Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ58A Datasheet HTML 3Page - EIC discrete Semiconductors SMBJ58A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at Ta = 25
?C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
Stand-off
Reverse
Peak Pulse
Clamping
( Note 1 )
Voltage
Leakage
Surge Current
Voltage @ IPPM
TYPE
Marking Code
@ VWM
(See Fig. 2)
VBR (V)
IT
VWM
IR
IPPM
VC
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
SMBJ5.0
606I
6.40
7.55
10
5.0
800
62.5
9.6
SMBJ5.0A
656I
6.40
7.25
10
5.0
800
65.2
9.2
SMBJ6.0
607C
6.67
8.45
10
6.0
800
52.6
11.4
SMBJ6.0A
657C
6.67
7.67
10
6.0
800
58.3
10.3
SMBJ6.5
607I
7.22
9.14
10
6.5
500
48.7
12.3
SMBJ6.5A
657I
7.22
8.30
10
6.5
500
53.6
11.2
SMBJ7.0
608E
7.78
9.86
10
7.0
200
45.1
13.3
SMBJ7.0A
658E
7.78
8.95
10
7.0
200
50.0
12.0
SMBJ7.5
609A
8.33
10.67
1.0
7.5
100
42.0
14.3
SMBJ7.5A
659A
8.33
9.58
1.0
7.5
100
46.5
12.9
SMBJ8.0
609G
8.89
11.3
1.0
8.0
50
40.0
15.0
SMBJ8.0A
659G
8.89
10.23
1.0
8.0
50
44.1
13.6
SMBJ8.5
6010
9.44
11.92
1.0
8.5
20
37.7
15.9
SMBJ8.5A
6510
9.44
10.82
1.0
8.5
20
41.7
14.4
SMBJ9.0
6011
10.0
12.6
1.0
9.0
10
35.5
16.9
SMBJ9.0A
6511
10.0
11.5
1.0
9.0
10
39.0
15.4
SMBJ10
6012
11.1
14.1
1.0
10
5.0
31.9
18.8
SMBJ10A
6512
11.1
12.8
1.0
10
5.0
35.3
17.0
SMBJ11
6013
12.2
15.4
1.0
11
5.0
29.9
20.1
SMBJ11A
6513
12.2
14.0
1.0
11
5.0
33.0
18.2
SMBJ12
6014
13.3
16.9
1.0
12
5.0
27.3
22.0
SMBJ12A
6514
13.3
15.3
1.0
12
5.0
30.2
19.9
SMBJ13
6015
14.4
18.2
1.0
13
5.0
25.2
23.8
SMBJ13A
6515
14.4
16.5
1.0
13
5.0
27.9
21.5
SMBJ14
6017
15.6
19.8
1.0
14
5.0
23.3
25.8
SMBJ14A
6517
15.6
17.9
1.0
14
5.0
25.8
23.2
SMBJ15
6018
16.7
21.1
1.0
15
5.0
22.3
26.9
SMBJ15A
6518
16.7
19.2
1.0
15
5.0
24.0
24.4
SMBJ16
6019
17.8
22.6
1.0
16
5.0
20.8
28.8
SMBJ16A
6519
17.8
20.5
1.0
16
5.0
23.1
26.0
SMBJ17
6020
18.9
23.9
1.0
17
5.0
19.7
30.5
SMBJ17A
6520
18.9
21.7
1.0
17
5.0
21.7
27.6
SMBJ18
6022
20.0
25.3
1.0
18
5.0
18.6
32.2
SMBJ18A
6522
20.0
23.3
1.0
18
5.0
20.5
29.2
SMBJ20
6024
22.2
28.1
1.0
20
5.0
16.7
35.8
SMBJ20A
6524
22.2
25.5
1.0
20
5.0
18.5
32.4
SMBJ22
6026
24.4
30.9
1.0
22
5.0
15.2
39.4
SMBJ22A
6526
24.4
28.0
1.0
22
5.0
16.9
35.5
SMBJ24
6029
26.7
33.8
1.0
24
5.0
14.0
43.0
SMBJ24A
6529
26.7
30.7
1.0
24
5.0
15.4
38.9
SMBJ26
6031
28.9
36.6
1.0
26
5.0
12.4
46.6
SMBJ26A
6531
28.9
33.2
1.0
26
5.0
14.2
42.1
SMBJ28
6033
31.1
39.4
1.0
28
5.0
12.0
50.0
SMBJ28A
6533
31.1
35.8
1.0
28
5.0
13.2
45.4
SMBJ30
6036
33.3
42.2
1.0
30
5.0
11.2
53.5
SMBJ30A
6536
33.1
38.3
1.0
30
5.0
12.4
46.6
TEL. : (66 2) 326-0102, 739-4580
FAX. : (66 2) 326-0933 E-mail : eicfirst @ iname.com http. : // www.eicsemi.com
103 MOO 4, LATKRABANG EXPORT PROCESSING ZONE, LATKRABANG, BANGKOK 10520, THAILAND
ELECTRONICS INDUSTRY (USA) CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com