Electronic Components Datasheet Search
  English  ▼

X  

PS9121-AX Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9121-AX
Description  The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9121-AX Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9121-AX Datasheet HTML 4Page - California Eastern Labs PS9121-AX Datasheet HTML 5Page - California Eastern Labs PS9121-AX Datasheet HTML 6Page - California Eastern Labs PS9121-AX Datasheet HTML 7Page - California Eastern Labs PS9121-AX Datasheet HTML 8Page - California Eastern Labs PS9121-AX Datasheet HTML 9Page - California Eastern Labs PS9121-AX Datasheet HTML 10Page - California Eastern Labs PS9121-AX Datasheet HTML 11Page - California Eastern Labs PS9121-AX Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PS9121
5.0
4.0
3.0
2.0
1.0
0
100
80
60
40
20
0
120
100
80
60
40
20
0
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
15
13
11
9
7
5
–50
–25
0
25
50
75
100
300
250
200
150
100
50
0
120
100
80
60
40
20
0
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
PULSE WIDTH DISTORTION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Input Current IF (mA)
PROPAGATION DELAY TIME vs.
INPUT CURRENT
1.0 k
Ω
RL = 350
Ω
4.0 k
Ω
VCC = 3.3 V,
VO = 0.6 V
RL = 4.7 k
Ω
RL = 4.0 k
Ω
RL = 350
Ω
RL = 1.0 k
Ω
IF = 7.5 mA,
VCC = 3.3 V
tPLH: RL = 4.0 k
Ω
tPLH: RL = 4.7 k
Ω
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
VCC = 3.3 V
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
tPHL: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
tPLH: RL = 1.0 k
Ω
tPLH: RL = 350
Ω
tPLH: RL = 4.7 k
Ω
tPLH: RL = 4.0 k
Ω
IF = 7.5 mA,
VCC = 3.3 V
tf: RL = 350
Ω, 1.0 kΩ, 4.0 kΩ, 4.7 kΩ
tr: RL = 350
Ω
tr: RL = 1.0 k
Ω
tr: RL = 4.7 k
Ω
tr: RL = 4.0 k
Ω
IF = 7.5 mA,
VCC = 3.3 V
Remark The graphs indicate nominal characteristics.
Data Sheet PN10502EJ05V0DS
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com