Electronic Components Datasheet Search
  English  ▼

X  

EL2082CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2082CS
Description  Current-Mode Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2082CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2082CS Datasheet HTML 1Page - Elantec Semiconductor EL2082CS Datasheet HTML 2Page - Elantec Semiconductor EL2082CS Datasheet HTML 3Page - Elantec Semiconductor EL2082CS Datasheet HTML 4Page - Elantec Semiconductor EL2082CS Datasheet HTML 5Page - Elantec Semiconductor EL2082CS Datasheet HTML 6Page - Elantec Semiconductor EL2082CS Datasheet HTML 7Page - Elantec Semiconductor EL2082CS Datasheet HTML 8Page - Elantec Semiconductor EL2082CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL2082C
Current-Mode Multiplier
Absolute Maximum Ratings (T
A
e
25 C)
VS
Voltage between VS
a and VSb
a
33V
VIN IOUT
Voltage
g
VS
VE VGAIN Input Voltage
b
1to a7V
IIN
Input Current
g
5mA
PD
Maximum Power Dissipation
See Curves
TA
Operating Temperature Range
0 Cto a75 C
TJ
Operating Junction Temperature
150 C
TST Storage Temperature
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics
(VS e g15V VG e 1V VE e 08V VOUT e 0 VIN e 0 IIN e 0)
Parameter
Description
Temp
Min
Typ
Max
Test
Units
Level
VIO
Input Offset Voltage
Full
b
20
20
II
mV
IOO
Output Offset Current
Full
b
100
100
II
mA
RINI
IIN Input Impedance IIN e 0 035 mA
Full
75
95
115
II
X
VCMRR
Voltage Common-Mode Rejection Ratio
Full
45
55
II
dB
VIN eb10V a10V
ICMRR
Offset Current Common-Mode Rejection
Full
05
5
II
mAV
Ratio VIN eb10V a10V
VPSRR
Offset Voltage Power Supply Rejection
Full
60
80
II
dB
Ratio VS e g5V to g15V
IPSRR
Offset Current Power Supply Rejection
Full
1
10
II
mAV
Ratio VS e g5V to g15V
IBVIN
VIN Bias Current
Full
b
10
10
II
mA
RINV
VIN Input Impedance VIN eb10V a10V
Full
05
10
II
M
X
Nlini
Signal Nonlinearity IIN eb07 mA
Full
010
04
II
%
b
035 mA 0 mA a035 mA a07 mA
ROUT
Output Impedance VOUT eb10V a10V
Full
025
05
II
M
X
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com