Electronic Components Datasheet Search
  English  ▼

X  

ADR525 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR525
Description  High Precision Shunt Mode Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR525 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR525 Datasheet HTML 4Page - Analog Devices ADR525 Datasheet HTML 5Page - Analog Devices ADR525 Datasheet HTML 6Page - Analog Devices ADR525 Datasheet HTML 7Page - Analog Devices ADR525 Datasheet HTML 8Page - Analog Devices ADR525 Datasheet HTML 9Page - Analog Devices ADR525 Datasheet HTML 10Page - Analog Devices ADR525 Datasheet HTML 11Page - Analog Devices ADR525 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADR525/ADR530/ADR550
Rev. F | Page 12 of 12
ORDERING GUIDE
Model1
Output
Voltage (V)
Initial
Accuracy
(mV)
Tempco
Industrial
(ppm/°C)
Package
Description
Package
Option
Branding
Ordering
Qty
Temperature
Range
ADR525ART-REEL7
2.5
10
70
3-Lead SOT-23-3
RT-3
RRA
3,000
−40°C to +85°C
ADR525ARTZ-R2
2.5
10
70
3-Lead SOT-23-3
RT-3
R1W
250
−40°C to +85°C
ADR525ARTZ-REEL7
2.5
10
70
3-Lead SOT-23-3
RT-3
R1W
3,000
−40°C to +85°C
ADR525BKSZ-REEL7
2.5
5
40
3-Lead SC70
KS-3
R1N
3,000
−40°C to +85°C
ADR525BRTZ-REEL7
2.5
5
40
3-Lead SOT-23-3
RT-3
R1N
3,000
−40°C to +85°C
ADR530ARTZ-REEL7
3.0
12
70
3-Lead SOT-23-3
RT-3
R1X
3,000
−40°C to +85°C
ADR530BKSZ-REEL7
3.0
6
40
3-Lead SC70
KS-3
R1Y
3,000
−40°C to +85°C
ADR530BRTZ-REEL7
3.0
6
40
3-Lead SOT-23-3
RT-3
R1Y
3,000
−40°C to +85°C
ADR550ARTZ-REEL7
5.0
20
70
3-Lead SOT-23-3
RT-3
R1Q
3,000
−40°C to +85°C
ADR550BRTZ-REEL7
5.0
10
40
3-Lead SOT-23-3
RT-3
R1P
3,000
−40°C to +85°C
1 Z = RoHS Compliant Part.
©2003–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04501-0-8/10(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com