Electronic Components Datasheet Search
  English  ▼

X  

EL2180CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2180CS
Description  250MHz / 3mA Current Mode Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2180CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2180CS Datasheet HTML 1Page - Elantec Semiconductor EL2180CS Datasheet HTML 2Page - Elantec Semiconductor EL2180CS Datasheet HTML 3Page - Elantec Semiconductor EL2180CS Datasheet HTML 4Page - Elantec Semiconductor EL2180CS Datasheet HTML 5Page - Elantec Semiconductor EL2180CS Datasheet HTML 6Page - Elantec Semiconductor EL2180CS Datasheet HTML 7Page - Elantec Semiconductor EL2180CS Datasheet HTML 8Page - Elantec Semiconductor EL2180CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
EL2180C/EL2280C/EL2480C-Preliminary
250MHz / 3mA Current Mode Feedback Amplifiers
Absolute Maximum Ratings (T
A = 25°C)
Supply Voltage between VS+ and GND
+12.6V
Voltage between VS+ and VS-
+12.6V
Common-Mode Input Voltage
VS- to VS+
Differential Input Voltage
±6V
Current into +IN or -IN
±7.5mA
Internal Power Dissipation
See Curves
Operating Ambient Temperature Range
-40°C to +85°C
Operating Junction Temperature
Plastic Packages
150°C
Output Current (EL2180C)
±120mA
Output Current (EL2280C)
±60mA
Output Current (EL2480C)
±60mA
Storage Temperature Range
-65°C to +150°C
DC Electrical Characteristics
VS = ±5V, RL = 150Ω, TA = 25°C unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOS
Input Offset Voltage
2.5
10
mV
TCVOS
Average Input Offset Voltage Drift
Measured from TMIN to TMAX
5
µV/°C
dVOS
VOS Matching
EL2280C, EL2480C only
0.5
mV
+IIN
+Input Current
1.5
15
µA
d+IIN
+IIN Matching
EL2280C, EL2480C only
20
nA
-IIN
-Input Current
16
40
µA
d-IIN
-IIN Matching
EL2280C, EL2480C only
2
µA
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
45
50
dB
-ICMR
-Input Current Common Mode Rejection
VCM = ±3.5V
5
30
µA/V
PSRR
Power Supply Rejection Ratio
VS is moved from ±4V to ±6V
60
70
dB
-IPSR
-Input Current Power Supply Rejection
VS is moved from ±4V to ±6V
1
15
µA/V
ROL
Transimpedance
VOUT = ±2.5V
120
300
k
Ω
+RIN
+Input Resistance
VCM = ±3.5V
0.5
2
M
Ω
+CIN
+Input Capacitance
1.2
pF
CMIR
Common Mode Input Range
±3.5
±4.0
V
VO
Output Voltage Swing
VS = ±5
±3.5
±4.0
V
VS = +5 Single-supply, high
4.0
V
VS = +5 Single-supply, low
0.3
V
IO
Output Current
EL2180C only
80
100
mA
EL2280C only, per amplifier
50
55
mA
EL2480C only, per amplifier
50
55
mA
IS
Supply Current
Per amplifier
3
6
mA
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
AC Electrical Characteristics
VS = ±5V, RF = RG = 750Ω for PDIP and SO packages, RF = RG = 560Ω for SOT23-5 package, RL = 150Ω, TA = 25°C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Unit
-3dB BW
-3dB Bandwidth
AV = +1
250
MHz
-3dB BW
-3dB Bandwidth
AV = +2
180
MHz
0.1dB BW
0.1dB Bandwidth
AV = +2
50
MHz
SR
Slew Rate
VOUT = ±2.5V, AV = +2
600
1200
V/µs
tR, tF
Rise and Fall Time
VOUT = ±500 mV
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com