Electronic Components Datasheet Search
  English  ▼

X  

2SC4957 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC4957
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4957 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC4957 Datasheet HTML 1Page - California Eastern Labs 2SC4957 Datasheet HTML 2Page - California Eastern Labs 2SC4957 Datasheet HTML 3Page - California Eastern Labs 2SC4957 Datasheet HTML 4Page - California Eastern Labs 2SC4957 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TRANSISTOR
NE68539 / 2SC4957
NPN EPITAXIAL SILICON RF TRANSISTOR
FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
4-PIN MINIMOLD
The mark shows major revised points.
Document No. PU10520EJ01V0DS (1st edition)
(Previous No. P10379EJ2V0DS00)
Date Published September 2004 CP(K)
FEATURES
• Low Noise, High Gain
• Low Voltage Operation
• Low Reverse Transfer Capacitance
Cre = 0.3 pF TYP.
• 4-pin minimold Package
ORDERING INFORMATION
m
r
o
F
g
ni
yl
p
p
u
S
yt
it
n
a
u
Q
r
e
b
m
u
N
tr
a
P
2SC4957
50 pcs (Non reel)
2SC4957-T1
3 kpcs/reel
• 8 mm wide embossed taping
• Pin 3 (Base), Pin 4 (Emitter) face to perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9
V
Collector to Emitter Voltage
VCEO
6
V
Emitter to Base Voltage
VEBO
2
V
I
t
n
e
rr
u
C
r
o
tc
el
lo
C
C
30
mA
Total Power Dissipation
PtotNote
180
mW
Junction Temperature
Tj
150
°
C
Storage Temperature
Tstg
−
65 to +150
°
C
Note Free air


Similar Part No. - 2SC4957

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
2SC4957 RENESAS-2SC4957 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
NEC
2SC4957-T1 NEC-2SC4957-T1 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
2SC4957-T1 RENESAS-2SC4957-T1 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
NEC
2SC4957-T2 NEC-2SC4957-T2 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results

Similar Description - 2SC4957

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
logo
California Eastern Labs
NE68718 CEL-NE68718 Datasheet
306Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
2SC5015 RENESAS-2SC5015_15 Datasheet
182Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD (18)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com