Electronic Components Datasheet Search
  English  ▼

X  

EL2210CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL2210CS
Description  Low Cost, Dual, Triple and Quad Video Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2210CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL2210CS Datasheet HTML 1Page - Elantec Semiconductor EL2210CS Datasheet HTML 2Page - Elantec Semiconductor EL2210CS Datasheet HTML 3Page - Elantec Semiconductor EL2210CS Datasheet HTML 4Page - Elantec Semiconductor EL2210CS Datasheet HTML 5Page - Elantec Semiconductor EL2210CS Datasheet HTML 6Page - Elantec Semiconductor EL2210CS Datasheet HTML 7Page - Elantec Semiconductor EL2210CS Datasheet HTML 8Page - Elantec Semiconductor EL2210CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
EL2210C/11C, EL2310C/11C, EL2410C/11C
Low Cost, Dual, Triple and Quad Video Op Amps
EL2210C, EL2310C, EL2410C - Closed-Loop AC Characteristics
VS = ±5V, AC Test Figure 1, TA = 25°C unless otherwise noted.
Parameter
Description
Conditions
Min
Typ
Max
Unit
BW
-3dB Bandwidth (VOUT = 0.4VPP)
AV = +1
110
MHz
BW
±0.1 dB Bandwidth (VOUT = 0.4VPP)
AV = +1
12
MHz
GBWP
Gain Bandwidth Product
55
MHz
PM
Phase Margin
60
°C
SR
Slew Rate
85
130
V/µs
FBWP
Full Power Bandwidth [1]
8
11
MHz
tr, tf
Rise Time, Fall Time
0.1V Step
2
ns
OS
Overshoot
0.1V Step
15
%
tPD
Propagation Delay
3.5
ns
tS
Settling to 0.1% (AV = 1)
VS = ±5V, 2V Step
80
ns
dG
Differential Gain [2]
NTSC/PAL
0.1
%
dP
Differential Phase [2]
NTSC/PAL
0.2
°C
eN
Input Noise Voltage
10kHz
15
nV/
√Hz
iN
Input Noise Current
10kHz
1.5
pA/
√Hz
CS
Channel Separation
P = 5MHz
55
dB
1. For VS = ±5V, VOUT = 4 VPP. Full power bandwidth is based on slew rate measurement using: FPBW = SR/(2pi * Vpeak)
2. Video performance measured at VS = ±5V, AV = +2 with 2 times normal video level across RL = 150Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com