Electronic Components Datasheet Search
  English  ▼

X  

SC73-271 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC73-271
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC73-271 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC73-271 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC73
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
34
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC73-100
10
2.52MHZ
80m
1.44
2.40
SC73-120
12
2.52MHZ
90m
1.39
2.20
SC73-150
15
2.52MHZ
100m
1.24
2.00
SC73-180
18
2.52MHZ
110m
1.12
1.80
SC73-220
22
2.52MHZ
130m
1.07
1.65
SC73-270
27
2.52MHZ
150m
0.94
1.50
SC73-330
33
2.52MHZ
170m
0.85
1.40
SC73-390
39
2.52MHZ
220m
0.74
1.30
SC73-470
47
2.52MHZ
250m
0.68
1.22
SC73-560
56
2.52MHZ
280m
0.64
1.13
SC73-680
68
2.52MHZ
330m
0.59
1.05
SC73-820
82
2.52MHZ
410m
0.54
0.96
SC73-101
100
1KHZ
480m
0.51
0.88
SC73-121
120
1KHZ
540m
0.49
0.80
SC73-151
150
1KHZ
750m
0.40
0.72
SC73-181
180
1KHZ
1.02
0.36
0.62
SC73-221
220
1KHZ
1.20
0.31
0.54
SC73-271
270
1KHZ
1.31
0.29
0.48
SC73-331
330
1KHZ
1.50
0.28
0.44
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
XXX
MARKING
7. 5
0. 1
1
10
100
1000
100
1000
10000
10
BC73 I nduct ance decrease by current
100000
DC current (mA)
331
560
100
DC current (mA)
DC current (mA)
SC73 Temperature rise by current
SC73 Inductance decrease by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SC73-271

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC73-271 BEL-SC73-271 Datasheet
827Kb / 1P
SMD POWER INDUCTORS 1.Open frame construction.
More results

Similar Description - SC73-271

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com