Electronic Components Datasheet Search
  English  ▼

X  

MASW6030G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6030G
Description  GaAs DPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6030G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW6030G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6030G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs DPDT Switch
DC - 6.0 GHz
Rev. V3
MASW6030G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss, 0.5 dB Typical
• Fast Switching Speed, 4 ns Typical
• Ultra Low DC Power Consumption
• RoHS* Compliant
Description
MA/COM’s MASW6030G is a GaAs MMIC DPDT
switch die. The MASW6030G is ideally used where
low power consumption is required.
Typical
applications
include
transmit
/
receive
switching, switch matrices and switched filter banks,
WLAN IEEE 802.11a and 802.11 b/g systems.
Other applications include cordless phones and
base stations.
Ordering Information
Part Number
Package
MASW6030G
DIE
1
Bond Pad Dimensions
Pad Layout
Control Value (A or B)
0/-8 V
Max Input RF Power
+34 dBm
(0.5 - 6.0 GHz with 0/-8 V CTL)
Storage Temperature
-65°C to +175°C
Max Operating Temperature
+175°C
Parameter
Absolute Maximum
Absolute Maximum Rating
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Bond Pad
Dimensions - Inches (mm)
RF1, RF6
0.005 x 0.005 (0.130 x 0.150)
RF2, RF3, RF4, RF5, A, B
0.004 x 0.004 (0.100 x 0.100)
GND
0.005 x 0.013 (0.130 x 0.320)
RF1 to
RF6 to
A
B
RF2
RF3
RF4
RF5
1
0
On
Off
On
Off
0
1
Off
On
Off
On
Truth Table
4,5
4. 0 = 0 to –0.2 V, 1 = -5 V.
5. When an RF output port is “Off” it is shorted to ground
through an “On” shunt MESFET.
Die Size - Inches (mm)
0.048 x 0.038 x 0.010 (1.220 x 0.970 x 0.250)
Schematic
*Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Die quantity varies.


Similar Part No. - MASW6030G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results

Similar Description - MASW6030G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1524APC1 NJRC-NJG1524APC1 Datasheet
249Kb / 8P
DPDT SWITCH GaAs MMIC
logo
Hexawave, Inc
HWS503 HW-HWS503 Datasheet
84Kb / 2P
GaAs 0.5-6GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
logo
New Japan Radio
NJG1524PC1 NJRC-NJG1524PC1 Datasheet
622Kb / 20P
DPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com