Electronic Components Datasheet Search
  English  ▼

X  

30PFD60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # 30PFD60
Description  FRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

30PFD60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  30PFD60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/Thermal Characteristics
■定格・特性曲線
FIG.1
3
.
G
I
F
■OUTLINE DRAWING(mm)
3A Avg
A
A .
Volt
V
V s
FRED
47
0
0
6
■APPROX. NET WEIGHT:1.24g
Item
Symbol
Conditions
平
均
整
流
電
流
Average Rectified Forward Current
IO
Ta=25℃*
1.3
実
効
順
電
流
R.M.S. Forward Current
IF(RMS)
4.71
保
存
温
度
範
囲
Storage Temperature Range
Tstg
−40∼+150
サ
ー
ジ
順
電
流
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
50Hz Half Sine Wave Resistive L
50Hz Half Sine Wave Resistive L
A
A
A
℃
動 作 接 合 温 度 範 囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
く り 返 し ピ ー ク 逆 電 圧
Repetitive Peak Reverse Voltage
VRRM
600
V
Tl=113℃
Tl=Lead Temperature
3.0
A
Item
Conditions
ピ
ー
ク
逆
電
流
Peak Reverse Current
Tj
TT =25℃, VRM
=25℃, V
=25℃, V =VRRM
=V
=V
熱
抵
抗
Thermal Resistance
接 合 部 ・ 周 囲 間
Junction to Ambient
単体フイン無し*
Min.
Typ.
Max.
−
−
20
−
−
80
Symbol
IRM
Rth(j-a)
ピ
ー
ク
順
電
圧
Peak Forward Voltage
VFM
Tj
TT =25℃, IFM=3A
−
−
1.45
Unit
μA
V
℃/W
−
−
−
8
℃/W
*単体フイン無し / Without Fin or P.C. Board mounted
逆
回
復
時
間
Reverse Recovery Time
trr
IFM=3A, −di/dt=50 A/μs, Tj
di/dt=50 A/μs, T
di/dt=50 A/μs, T =25℃
−
−
45
ns
Rth(j-l)
接 合 部 ・ リ ー ド 間
Junction to Lead
45A
30PFD60


Similar Part No. - 30PFD60

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
30PFD60 NI-30PFD60_15 Datasheet
433Kb / 1P
FRED
30PFD60_2015 NI-30PFD60_2015 Datasheet
433Kb / 1P
FRED
More results

Similar Description - 30PFD60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
20NFB60 NIEC-20NFB60 Datasheet
328Kb / 1P
FRED
30PFB60 NIEC-30PFB60 Datasheet
250Kb / 1P
FRED
EC10UA40 NIEC-EC10UA40 Datasheet
187Kb / 1P
FRED
ECF06B60 NIEC-ECF06B60 Datasheet
207Kb / 1P
FRED
ECF06B60-F NIEC-ECF06B60-F Datasheet
213Kb / 1P
FRED
ECU06A20 NIEC-ECU06A20 Datasheet
205Kb / 1P
FRED
ECU06A40 NIEC-ECU06A40 Datasheet
206Kb / 1P
FRED
FCU20B60 NIEC-FCU20B60 Datasheet
113Kb / 1P
FRED
FCU20UC30 NIEC-FCU20UC30 Datasheet
225Kb / 1P
FRED
FRU20UC30 NIEC-FRU20UC30 Datasheet
270Kb / 1P
FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com