Electronic Components Datasheet Search
  English  ▼

X  

EL2245CS Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2245CS
Description  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2245CS Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2245CS Datasheet HTML 6Page - Elantec Semiconductor EL2245CS Datasheet HTML 7Page - Elantec Semiconductor EL2245CS Datasheet HTML 8Page - Elantec Semiconductor EL2245CS Datasheet HTML 9Page - Elantec Semiconductor EL2245CS Datasheet HTML 10Page - Elantec Semiconductor EL2245CS Datasheet HTML 11Page - Elantec Semiconductor EL2245CS Datasheet HTML 12Page - Elantec Semiconductor EL2245CS Datasheet HTML 13Page - Elantec Semiconductor EL2245CS Datasheet HTML 14Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
EL2245C, EL2445C
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
bandwidth product divided by the noise gain of the cir-
cuit. For gains less than 4, higher-order poles in the
amplifiers' transfer function contribute to even higher
closed loop bandwidths. For example, the
EL2245C/EL2445C have a -3dB bandwidth of 100MHz
at a gain of +2, dropping to 20MHz at a gain of +5. It is
important to note that the EL2245C/EL2445C have been
designed so that this “extra” bandwidth in low-gain
applications does not come at the expense of stability.
As seen in the typical performance curves, the
EL2245C/EL2445C in a gain of +2 only exhibit 1.0dB
of peaking with a 1000
Ω load.
Video Performance
An industry-standard method of measuring the video
distortion of components such as the EL2245C/
EL2445C is to measure the amount of differential gain
(dG) and differential phase (dP) that they introduce. To
make these measurements, a 0.286VPP (40 IRE) signal is
applied to the device with 0V DC offset (0 IRE) at either
3.58MHz for NTSC or 4.43MHz for PAL. A second
measurement is then made at 0.714V DC offset (100
IRE). Differential gain is a measure of the change in
amplitude of the sine wave, and is measured in percent.
Differential phase is a measure of the change in phase,
and is measured in degrees.
For signal transmission and distribution, a back-termi-
nated cable (75
Ω in series at the drive end, and 75Ω to
ground at the receiving end) is preferred since the
impedance match at both ends will absorb any reflec-
tions. However, when double termination is used, the
received signal is halved; therefore a gain of 2 configu-
ration is typically used to compensate for the
attenuation.
The EL2245C/EL2445C have been designed as an eco-
nomical solution for applications requiring low video
distortion. They have been thoroughly characterized for
video performance in the topology described above, and
the results have been included as typical dG and dP
specifications and as typical performance curves. In a
gain of +2, driving 150
Ω, with standard video test levels
at the input, the EL2245C/EL2445C exhibit dG and dP
of only 0.02% and 0.07° at NTSC and PAL. Because dG
and dP can vary with different DC offsets, the video per-
formance of the EL2245C/EL2445C has been
characterized over the entire DC offset range from -
0.714V to +0.714V. For more information, refer to the
curves of dG and dP vs DC Input Offset.
Output Drive Capability
The EL2245C/EL2445C have been designed to drive
low impedance loads. They can easily drive 6VPP into a
150
Ω load. This high output drive capability makes the
EL2245C/EL2445C an ideal choice for RF, IF and video
applications. Furthermore, the current drive of the
EL2245C/EL2445C remains a minimum of 35mA at
low temperatures. The EL2245C/EL2445C are current-
limited at the output, allowing it to withstand shorts to
ground. However, power dissipation with the output
shorted can be in excess of the power-dissipation capa-
bilities of the package.
Capacitive Loads
For ease of use, the EL2245C/EL2445C have been
designed to drive any capacitive load. However, the
EL2245C/EL2445C remain stable by automatically
reducing their gain-bandwidth product as capacitive
load increases. Therefore, for maximum bandwidth,
capacitive loads should be reduced as much as possible
or isolated via a series output resistor (Rs). Similarly,
coax lines can be driven, but best AC performance is
obtained when they are terminated with their character-
istic impedance so that the capacitance of the coaxial
cable will not add to the capacitive load seen by the
amplifier. Although stable with all capacitive loads,
some peaking still occurs as load capacitance increases.
A series resistor at the output of the EL2245C/EL2445C
can be used to reduce this peaking and further improve
stability.
Printed-Circuit Layout
The EL2245C/EL2445C are well behaved, and easy to
apply in most applications. However, a few simple tech-
niques will help assure rapid, high quality results. As
with any high-frequency device, good PCB layout is
necessary for optimum performance. Ground-plane con-
struction is highly recommended, as is good power
supply bypassing. A 0.1µF ceramic capacitor is recom-
mended for bypassing both supplies. Lead lengths
should be as short as possible, and bypass capacitors
should be as close to the device pins as possible. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com