Electronic Components Datasheet Search
  English  ▼

X  

MASW-007935 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007935
Description  GaAs SPDT Terminated Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007935 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-007935 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007935 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007935 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007935 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs SPDT Terminated Switch
DC - 3.0 GHz
Rev. V2
MASW-007935
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Output VSWR vs. Frequency over Temperature
Isolation vs. Frequency over Temperature
(Positive Control)
Input VSWR vs. Frequency over Temperature
Insertion Loss vs. Frequency over Temperature
(Positive Control)
Insertion Loss vs. Frequency over Temperature
(Negative Control)
Isolation vs. Frequency over Temperature
(Negative Control)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CGDN=8pF
CGDN=39pF
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00.5
1.01.5
2.02.5
3.0
CGDN=8pF
CGDN=39pF
Frequency (GHz)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0.00.5
1.01.5
2.02.5
3.0
25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25°C
-40°C
+85°C
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com