Electronic Components Datasheet Search
  English  ▼

X  

MASW-008177 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008177
Description  SPST High Isolation CATV Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008177 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-008177 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008177 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008177 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008177 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SPST High Isolation CATV Switch
5 - 1000 MHz
Rev. V1
MASW-008177
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VC = 0V / 5V, Z0 = 75 Ω
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5 - 50 MHz
50 - 1000 MHz
dB
dB
—
—
0.45
0.65
—
0.9
Isolation
5 - 50 MHz
50 - 1000 MHz
dB
dB
—
50
70
53
—
—
Return Loss (On)
Return Loss (Off)
(RF1 only)
5 – 50 MHz
50 – 1000 MHz
5 – 50 MHz
50 – 1000 MHz
dB
dB
dB
dB
—
—
—
—
30
16
30
18
—
—
—
—
IP3
Two Tone, +10 dBm / tone, 6 MHz Spacing, > 50 MHz
dBm
—
52
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
20
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
—
40
—
Transients
In Band
mV
—
30
—
Control Current
|Vc| = 5V
µA
—
10
25
3. External DC blocking capacitors are required on all RF ports.
Parameter
Absolute Maximum
Input Power
(5 - 1000 MHz, 2.5V Control)
+32 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
oC to +85 oC
Storage Temperature
-65
oC to +150 oC
Absolute Maximum Ratings
4,5
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
V1
V2
RF1—RF2
1
0
On
0
1
Off
Truth Table
6
6. 0 = 0 V +/- 0.2 V; 1 = +2.5 V to +5.0 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com