Electronic Components Datasheet Search
  English  ▼

X  

MASW-008955 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008955
Description  GaAs SP3T Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008955 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-008955 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SP3T Switch
DC - 3.5 GHz
Rev. V2
MASW-008955
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VC = 0 V / 2.6 V, Z0 = 50 Ω 7,9
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
8
2.45 GHz, RFC - RF1
2.45 GHz, RFC - RF2
2.45 GHz, RFC - RF3
dB
—
—
—
0.55
0.6
0.6
0.85
0.85
0.85
Isolation
2.45 GHz, RFC - RF1
2.45 GHz, RFC - RF2
2.45 GHz, RFC - RF3
dB
20
20
19
22
22
20
—
—
—
Return Loss
2.45 GHz
dB
—
20
—
IP3
Two Tone, +10 dBm/tone, 10 MHz Spacing, 2.45 GHz
dBm
—
54
—
IP2
Two Tone, +10 dBm/tone, 10 MHz Spacing, 2.45 GHz
dBm
—
98
—
P0.1dB
2.45 GHz (RF1), 2.6 V
2.45 GHz (RF2), 2.6 V
2.45 GHz (RF3), 2.6 V
2.45 GHz (RF1), 3 V
2.45 GHz (RF2), 3 V
2.45 GHz (RF3), 3 V
dBm
—
29
25
25
32
28
28
—
P1dB
2.45 GHz (RF1), 2.6 V
2.45 GHz (RF2), 2.6 V
2.45 GHz (RF3), 2.6 V
2.45 GHz (RF1), 3 V
2.45 GHz (RF2), 3 V
2.45 GHz (RF3), 3 V
dBm
—
35
31
31
36
34
34
—
2nd Harmonic
900 MHz, 2.6 V, +10 dBm
900 MHz, 2.6 V, +20 dBm
900 MHz, 3 V,+20 dBm
2.45 GHz, 2.6 V, +10 dBm
2.45 GHz, 2.6 V,+20 dBm
2.45 GHz, 3 V,+20 dBm
dBc
—
-94
-75
-80
-86
-70
-99
—
3rd Harmonic
900 MHz, 2.6 V, +10 dBm
900 MHz, 2.6 V, +20 dBm
900 MHz, 3 V,+20 dBm
2.45 GHz, 2.6 V, +10 dBm
2.45 GHz, 2.6 V,+20 dBm
2.45 GHz, 3 V,+20 dBm
dBc
—
-102
-80
-100
-94
-70
-78
—
Trise, Tfall
10% to 90% RF
90% to 10% RF
ns
—
25
14
—
Ton, Toff
50% control to 90% RF
50% control to 10% RF
ns
—
30
26
—
Gate Lag
50% control to 100% RF
µs
4
Control Current
|VC| = 2.6V
µA
—
4
20
Thermal Resistance
Junction to case
°C/W
—
96
—
7.
For positive control voltage, external DC blocking capacitors are required on all RF ports.
8.
Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 100 pF for 100 - 500 MHz, 39 pF for 2.45 GHz.
9.
Specifications apply with no connection to pin 2 (VP).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com