Electronic Components Datasheet Search
  English  ▼

X  

MASW-009444 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009444
Description  GaAs SP2T 1.8 V Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009444 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-009444 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009444 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009444 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009444 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SP2T 1.8 V Switch
DC - 6.0 GHz
Rev. V1
MASW-009444
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Truth Table
6
V1
V2
RFC - RF1
RFC - RF2
0 V
+1.8 to 5 V
On
Off
+1.8 to 5 V
0 V
Off
On
5. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, i.e. 1000 pF for 100 - 500 MHz, 39 pF for 0.5 - 3.0 GHz
Electrical Specifications:
5 T
A = 25°C, VC = 1.8 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
—
—
—
0.2
0.3
0.4
.45
—
—
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
22
—
—
28
23
19
—
—
—
VSWR
DC - 2.5 GHz
2.5 - 3 GHz
dB
—
—
<1.3
<1.3
—
—
IP3
Two Tone +10 dBm, 5 MHz Spacing, >50 MHz
PIN = 0 dBm VC = 0/2.5 V
dBm
—
47
—
P1dB
VC = 1.8V
VC = 2.7V
dBm
—
—
15
24
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
10
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
ns
—
15
—
Transients
In Band
mV
—
30
—
Control Current
|VC| = 1.8V
µA
—
5
10
6. External DC blocking capacitors are required on all RF ports
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com