Electronic Components Datasheet Search
  English  ▼

X  

ECF06B60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # ECF06B60
Description  FRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

ECF06B60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  ECF06B60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6A Avg.
Volts
FRED
■OUTLINE DRAWING(mm)
73
ECF06B60
0
0
6
■最大定格 Maximum Ratings
■定格・特性曲線
■APPROX. NET WEIGHT:0.35g
FIG.1
FIG.4
FIG.2
FIG.3
FIG.5
■電気的・熱的特性 Electrical/ Thermal Characteristics
Item
Symbol
Conditions
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
600
V
平均整流電流
Average
Rectified
Forward Current
IO
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
実効順電流
R.M.S. Forward Current
IF(RMS)
6.66
A
サージ順電流
Surge Forward Current
IFSM
45
50Hz正弦全波,1サイクル,非くり返し
50Hz Full Sine Wave,1cycle, Non-repetitive
A
保存温度範囲
Storage Temperature Range
Tstg
−40∼+150
℃
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
Ta=26℃
1.4
Tc=100℃
6
P.C.Board
mounted*
−
s
n
o
i
t
i
d
n
o
C
m
e
t
I
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり
Per Diode
熱抵抗
Thermal Resistance
接合部・周囲間
Junction to Ambient
基板実装*
P.C. Board mounted*
Min.
Typ.
Max.
−
−
20
−
−
80
Symbol
IRM
Rth(j-a)
逆回復時間
Reverse Recovery Time
trr
IFM=3A, -di/dt=50 A/μs, Tj=25℃
−
−
35
Unit
μA
ns
℃/W
−
−
−
5
℃/W
*Soldering Lands = 2 × 3.5 mm Both Sides
ピーク順電圧
Peak Forward Voltage
VFM
Tj=25℃, IFM=3A,
一素子あたり
Per Diode
−
−
1.7
V
Rth(j-c)
接合部・ケース間
Junction to Case
①
②
③
④


Similar Part No. - ECF06B60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
ECF06B60-F NIEC-ECF06B60-F Datasheet
213Kb / 1P
FRED
logo
Kyocera Kinseki Corpota...
ECF06B60-F KSS-ECF06B60-F Datasheet
882Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
ECF06B60-F_2015 NI-ECF06B60-F_2015 Datasheet
213Kb / 1P
FRED
ECF06B60_2015 NI-ECF06B60_2015 Datasheet
207Kb / 1P
FRED
More results

Similar Description - ECF06B60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
20NFB60 NIEC-20NFB60 Datasheet
328Kb / 1P
FRED
30PFB60 NIEC-30PFB60 Datasheet
250Kb / 1P
FRED
EC10UA40 NIEC-EC10UA40 Datasheet
187Kb / 1P
FRED
ECF06B60-F NIEC-ECF06B60-F Datasheet
213Kb / 1P
FRED
ECU06A20 NIEC-ECU06A20 Datasheet
205Kb / 1P
FRED
ECU06A40 NIEC-ECU06A40 Datasheet
206Kb / 1P
FRED
FCU20B60 NIEC-FCU20B60 Datasheet
113Kb / 1P
FRED
FCU20UC30 NIEC-FCU20UC30 Datasheet
225Kb / 1P
FRED
FRU20UC30 NIEC-FRU20UC30 Datasheet
270Kb / 1P
FRED
FSF10D60 NIEC-FSF10D60 Datasheet
176Kb / 1P
FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com