Electronic Components Datasheet Search
  English  ▼

X  

MASW-009482 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009482
Description  GaAs Broadband High Power SP3T Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009482 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-009482 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-009482 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
Rev. V1
MASW-009482
1
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• CDMA Handset Switching Applications
• Balanced (symmetrical) RF Ports
• Low Cross Modulation
• Low Insertion Loss: 0.55 dB @ 1 GHz
• High Isolation: 27 dB @ 1 GHz
• High Power: P0.1dB = 36 dBm @ 1 GHz
• 0.5 micron GaAs pHEMT Process
• Lead-Free 2 mm 12-Lead STQFN package with
0.5 mm lead pitch
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MASW-009482 is an industry leading GaAs
pHEMT MMIC single pole three throw (SP3T) switch
in a lead-free 2 mm 12-lead STQFN package with
0.5 mm lead pitch. The MASW-009482 is uniquely
configured to enable switching from
a
common
antenna port to CDMA Cellular, PCS, or AWS ports.
It is also ideal for other applications where a com-
pact, high performance, symmetrical SP3T switch
is required.
The design is
symmetric and has been fully
optimized for excellent cross modulation perform-
ance in all three paths while still maintaining excel-
lent insertion loss and isolation.
The symmetrical
design
allows the user to assign CDMA Cellular,
PCS and AWS to ports RF1, RF2 or RF3 as
required to optimize the layout.
The MASW-009482 is fabricated using a 0.5 micron
gate length GaAs pHEMT process.
The
process
features
full
passivation
for
performance
and
reliability.
Functional Schematic
Ordering Information1,2
Part Number
Package
MASW-009482-TR3000
3000 piece reel
MASW-009482-001SMB
Sample Board
0.05 - 4.0 GHz Tuning
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Pin Configuration 3
Pin No.
Function
Description
1
V3
Control 3
2
RF3
RF Port 3
3
GND
Ground
4
GND
Ground
5
RF2
RF Port 2
6
V2
Control 2
7
GND
Ground
8
RF1
RF Port 1
9
V1
Control 1
10
GND
Ground
11
RFC
RF Common
12
GND
Ground
13
GND (paddle)
Ground
3. All package ground pins (P3,4,7,10, 12) and paddle ground
are no connection (N/C) electrically to the internal die. M/A-
COM recommends connecting all ground connections to
PCB ground to ensure a good thermal path.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASW-009482

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482-001SMB MA-COM-MASW-009482-001SMB Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482-001SMB MA-COM-MASW-009482-001SMB Datasheet
771Kb / 8P
GaAs Broadband High Power SP3T Switch
MASW-009482-TR3000 MA-COM-MASW-009482-TR3000 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482-TR3000 MA-COM-MASW-009482-TR3000 Datasheet
771Kb / 8P
GaAs Broadband High Power SP3T Switch
More results

Similar Description - MASW-009482

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
GaAs SP3T Switch
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
GaAs SP3T Switch
logo
RF Micro Devices
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
BROADBAND LOW POWER SP3T SWITCH
RF1603A RFMD-RF1603A Datasheet
572Kb / 10P
BROADBAND HIGH POWER SP3T SWITCH
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
GaAs SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
GaAs Broadband High Power SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com