Electronic Components Datasheet Search
  English  ▼

X  

MASW-009588 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009588
Description  GaAs SP2T Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009588 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-009588 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009588 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009588 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009588 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
GaAs SP2T Switch
DC - 4.0 GHz
Rev. V1
MASW-009588
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Insertion Loss: 0.35 dB @ 1 GHz
• Lead-Free 1 mm 6-Lead PDFN Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
The MASW-009588 is a GaAs pHEMT MMIC single
pole two throw (SP2T) switch in a miniature 1x1mm
6-lead PDFN package. The MASW-009588 is ideally
suited for applications where low control voltage,
low insertion loss, moderate isolation, and small
size are required.
Typical applications are for filter and antenna
switching in handset systems that connect separate
receive functions to a common antenna, as well
as other related handset and general purpose
applications. This part can be used in all systems
operating up to 4 GHz requiring high power at low
control voltage.
The MASW-009588 is fabricated using a 0.5 micron
gate
length
GaAs
pHEMT
process.
The
process features full passivation for performance
and reliability.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information 1,2
Part Number
Package
MASW-009588-TR3000
3000 piece reel
MASW-009588-001SMB
Sample Board
MASW-009588-000000
Bulk
Functional Diagram
Parameter
Absolute Maximum
Max Input Power
(0.5 - 4 GHz, 2.6V Control)
+33 dBm
Operating Voltage
+5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
Pin Configuration
Pin No.
Function
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Common
6
V1
Control 1
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MASW-009588

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009588-000000 MA-COM-MASW-009588-000000 Datasheet
687Kb / 5P
GaAs SP2T Switch
MASW-009588-001SMB MA-COM-MASW-009588-001SMB Datasheet
687Kb / 5P
GaAs SP2T Switch
MASW-009588-TR3000 MA-COM-MASW-009588-TR3000 Datasheet
687Kb / 5P
GaAs SP2T Switch
MASW-009588 MA-COM-MASW-009588_15 Datasheet
687Kb / 5P
GaAs SP2T Switch
More results

Similar Description - MASW-009588

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0842 DAICO-DS0842 Datasheet
46Kb / 1P
GaAs SP2T
DS0813-T DAICO-DS0813-T Datasheet
43Kb / 1P
GaAs SP2T
DS0602 DAICO-DS0602 Datasheet
180Kb / 1P
GaAs SP2T
DS0712 DAICO-DS0712 Datasheet
158Kb / 1P
GaAs SP2T
DS0850-T DAICO-DS0850-T Datasheet
144Kb / 1P
GaAs SP2T
DSW22023 DAICO-DSW22023 Datasheet
155Kb / 1P
GaAs SP2T
logo
M/A-COM Technology Solu...
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
162Kb / 5P
GaAs SP2T Absorptive Switch
MASW-009444 MA-COM-MASW-009444 Datasheet
82Kb / 4P
GaAs SP2T 1.8 V Switch
MASW-009444 MA-COM-MASW-009444_15 Datasheet
544Kb / 5P
GaAs SP2T 1.8 V Switch
MASW-009588 MA-COM-MASW-009588_15 Datasheet
687Kb / 5P
GaAs SP2T Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com