Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE680
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE680 Datasheet(HTML) 2 Page - California Eastern Labs

  NE680 Datasheet HTML 1Page - California Eastern Labs NE680 Datasheet HTML 2Page - California Eastern Labs NE680 Datasheet HTML 3Page - California Eastern Labs NE680 Datasheet HTML 4Page - California Eastern Labs NE680 Datasheet HTML 5Page - California Eastern Labs NE680 Datasheet HTML 6Page - California Eastern Labs NE680 Datasheet HTML 7Page - California Eastern Labs NE680 Datasheet HTML 8Page - California Eastern Labs NE680 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NE680 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25°C)
fT
Gain Bandwidth Product at VCE = 6 V, IC = 10 mA
GHz
10
10
10
NF
Noise Figure at VCE = 6 V, IC = 5 mA, f = 1 GHz
dB
1.6
1.7
f = 2 GHz
dB
1.7
2.4
1.8
3
1.9
f = 4 GHz
dB
2.6
GNF
Associated Gain at VCE = 6 V, IC = 5 mA,
f = 1 GHz
dB
14
13.5
f = 2 GHz
dB
12.5
10.2
9.6
f = 4 GHz
dB
8
MAG
Maximum Available Gain at VCE = 6 V, IC = 10 mA
f = 1 GHz
dB
18.5
19
18.5
f = 2 GHz
dB
16.2
12.7
11.8
f = 4 GHz
dB
10.2
8.2
7.3
|S21E|2
Insertion Power Gain at VCE = 6 V, IC = 10 mA,
f = 1 GHz
dB
17
15.5
15
f = 2 GHz
dB
10.5 12.5
7.5
9.8
9.2
f = 4 GHz
dB
7.5
4.6
4.4
hFE
Forward Current Gain2 at VCE = 6 V, IC = 10 mA
50
100
250
50
100
250
VCE = 3 V, IC = 5 mA
80
160
ICBO
Collector Cutoff Current at VCB = 10 V, IE = 0 mA
µA
1.0
1.0
1.0
IEBO
Emitter Cutoff Current at VEB = 1V, IC = 0 mA
µA
1.0
1.0
1.0
CRE3
Feedback Capacitance at VCB = 1 V, IE = 0 mA, f = 1 MHz
pF
0.3
0.7
0.3
0.7
PT
Total Power Dissipation
mW
400
150
100
RTH (J-A)
Thermal Resistance (Junction to Ambient)
°C/W
833
1000
RTH (J- C)
Thermal Resistance (Junction to Case)
°C/W
120
200
200
PART NUMBER
NE68000
NE68018
NE68019
EIAJ1 REGISTERED NUMBER
2SC5013
2SC5008
PACKAGE OUTLINE
00 (CHIP)
18
19
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
PART NUMBER
NE68030
NE68033
NE68035
NE68039/39R
EIAJ1 REGISTERED NUMBER
2SC4228
2SC3585
2SC3587
2SC4095
PACKAGE OUTLINE
30
33
35
39
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
fT
Gain Bandwidth Product at VCE = 6 V, IC = 10 mA
GHz
10
10
10
10
NF
Noise Figure at VCE = 6 V, IC = 5 mA, f = 1 GHz
dB
1.5
1.6
f = 2 GHz
dB
1.7
1.8
3.0
1.7
2.4
1.7
2.5
f = 4 GHz
dB
2.9
2.1
2.6
2.6
GNF
Associated Gain at VCE = 6 V, IC = 5 mA,
f = 1 GHz
dB
12.5
11.0
f = 2 GHz
dB
9.4
9.0
12.5
11
f = 4 GHz
dB
5.3
4.2
8
6.5
MAG
Maximum Available Gain at VCE = 6 V, IC = 10 mA
f = 1 GHz
dB
17
17
18.5
18
f = 2 GHz
dB
10.9
10.9
16.2
12.4
f = 4 GHz
dB
6.8
6.7
10.2
8.7
|S21E|2
Insertion Power Gain at VCE = 6 V, IC = 10 mA,
f = 1 GHz
dB
13.5
13
17
14.5
f = 2 GHz
dB
8.5
6.7
10.5 12.5
9.6
f = 2 GHz
dB
3.6
3.7
7.5
4.9
hFE
Forward Current Gain2 at VCE = 6 V, IC = 10 mA
50
100 250
50
100 250
50
100 250
VCE = 3 V, IC = 5 mA
50 100 250
ICBO
Collector Cutoff Current at VCB = 10 V, IE = 0 mA
µA
1.0
1.0
1.0
1.0
IEBO
Emitter Cutoff Current at VEB = 1V, IC = 0 mA
µA
1.0
1.0
1.0
1.0
Cre3
Feedback Capacitance at
VCB = 3V, IE = 0 mA, f = 1 MHz
pF
0.3
0.7
VCE = 10 V, IE = 0 mA, f = 1 MHz
pF
0.3
0.8
0.2
0.7
0.25 0.8
PT
Total Power Dissipation
mW
150
200
290
200
RTH (J-A)
Thermal Resistance (Junction to Ambient)
°C/W
833
620
550
620
RTH (J- C)
Thermal Resistance (Junction to Case)
°C/W
200
200
200
200
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. Electronic Industrial Association of Japan.
2. Pulsed measurement, PW≤350 µs, duty cycle ≤2%.
3. The emitter terminal should be connected to the ground
terminal of the 3 terminal capacitance bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com