Electronic Components Datasheet Search
  English  ▼

X  

EL4094CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4094CS
Description  Video Gain Control/Fader
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4094CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4094CS Datasheet HTML 1Page - Elantec Semiconductor EL4094CS Datasheet HTML 2Page - Elantec Semiconductor EL4094CS Datasheet HTML 3Page - Elantec Semiconductor EL4094CS Datasheet HTML 4Page - Elantec Semiconductor EL4094CS Datasheet HTML 5Page - Elantec Semiconductor EL4094CS Datasheet HTML 6Page - Elantec Semiconductor EL4094CS Datasheet HTML 7Page - Elantec Semiconductor EL4094CS Datasheet HTML 8Page - Elantec Semiconductor EL4094CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EL4094C
Video Gain ControlFader
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1993 Elantec Inc
Features
 Complete video fader
 002%004 differential gain
phase
100% gain
 Output amplifier included
 Calibrated linear gain control
 g5V to g15V operation
 60 MHz bandwidth
 Low thermal errors
Applications
 Video faderswipers
 Gain control
 Video text insertion
 Level adjust
 Modulation
Ordering Information
Part No
Temp Range
Package
Outline
EL4094CN b40 Cto a85 C 8-Pin P-DIP MDP0031
EL4094CS
b
40 Cto a85 C 8-Pin SO
MDP0027
General Description
The EL4094C is a complete two-input fader It combines two
inputs according to the equation
VOUT e VINA (05V a Vg) a VINB (05V b Vg)
where VGAIN is the difference between VGAIN and VGAIN pin
voltages and ranges from b05V to a05V It has a wide 60
MHz bandwidth at b3 dB and is designed for excellent video
distortion performance The EL4094C is the same circuit as the
EL4095 but with feedback resistors included on-chip to imple-
ment unity-gain connection An output buffer is included in
both circuits
The gain-control input is also very fast with a 20 MHz small-
signal bandwidth and 70 ns recovery time from overdrive
The EL4094C is compatible with power supplies from g5V to
g
15V and is available in both the 8-pin plastic DIP and SO-8
Connection Diagram
4094 – 1
Manufactured under US Patent No 5321371 5374898


Similar Part No. - EL4094CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4094CS INTERSIL-EL4094CS Datasheet
491Kb / 12P
Video Gain Control/Fader
August 1996
More results

Similar Description - EL4094CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
Sound fader control circuit
May 1990
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
Sound fader control circuit
1995 Dec 19
logo
Elantec Semiconductor
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
Video Gain Control/Fader/Multiplexer
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
Video Fader
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
Video Gain Control/Fader
August 1996
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
Video Gain Control/Fader/Multiplexer
August 1996
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
Video Fader
January 1995
logo
Linear Technology
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com