Electronic Components Datasheet Search
  English  ▼

X  

ECH8654 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ECH8654
Description  P-Channel Power MOSFET ??0V, ??A, 38m廓, Dual ECH8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8654 Datasheet(HTML) 4 Page - ON Semiconductor

  ECH8654 Datasheet HTML 1Page - ON Semiconductor ECH8654 Datasheet HTML 2Page - ON Semiconductor ECH8654 Datasheet HTML 3Page - ON Semiconductor ECH8654 Datasheet HTML 4Page - ON Semiconductor ECH8654 Datasheet HTML 5Page - ON Semiconductor ECH8654 Datasheet HTML 6Page - ON Semiconductor ECH8654 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ECH8654
No. A0981-4/7
Ambient Temperature, Ta -- °C
PD -- Ta
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT13083
0
0
20
40
0.4
60
80
100
120
140
160
1.0
1.4
1.5
1.3
1.8
0.2
0.8
0.6
1.2
1.6
1unit
Mounted on a ceramic board (900mm2
×0.8mm)
Total
Dissipation
012345678
10
911
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
IT13081
IT13082
VDS= --10V
ID= --5A
2
2
3
5
7
--0.1
2
3
5
7
--1.0
--0.01
--0.01
--0.1
57
23
23
5
2
--1.0
57
32
Operation in this
area is limited by RDS(on).
100ms
DC
operation(T
a=25°C)
10ms
1ms
IDP= --40A
ID= --5A
2
3
5
7
--10
3
5
7
--100
--10
57
3
100
μs
Ta=25°C
Single pulse
Mounted on a ceramic board (900mm2
×0.8mm) 1unit
PW≤10
μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com