Electronic Components Datasheet Search
  English  ▼

X  

EL4331C Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL4331C
Description  Triple 2:1 Mux-Amp AV = 1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4331C Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL4331C Datasheet HTML 1Page - Elantec Semiconductor EL4331C Datasheet HTML 2Page - Elantec Semiconductor EL4331C Datasheet HTML 3Page - Elantec Semiconductor EL4331C Datasheet HTML 4Page - Elantec Semiconductor EL4331C Datasheet HTML 5Page - Elantec Semiconductor EL4331C Datasheet HTML 6Page - Elantec Semiconductor EL4331C Datasheet HTML 7Page - Elantec Semiconductor EL4331C Datasheet HTML 8Page - Elantec Semiconductor EL4331C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
EL4331C
Triple 2:1 Mux-Amp AV = 1
Typical Performance Curves
3 dB Bandwidth Small Signal Transmit Response
Large Signal Transient Response
Switching a Family of DC Levels to Ground and Back
Switching from Ground to An
Uncorrelated Sine Wave and Back
Switching Glitch, 0V to 0V with 2 ns AB edges
Switching Glitch, 0V to 0V with 10 ns AB Edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com