Electronic Components Datasheet Search
  English  ▼

X  

I350T2BLK Datasheet(PDF) 2 Page - Intel Corporation

Part # I350T2BLK
Description  Ethernet Converged Network and Server Adapters Connectivity you can count on
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I350T2BLK Datasheet(HTML) 2 Page - Intel Corporation

  I350T2BLK Datasheet HTML 1Page - Intel Corporation I350T2BLK Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Speed/Port
Gigabit for Servers and Workstations
10 Gigabit for Desktops
Copper
Fiber
Copper
Brand Name
Intel® Ethernet
Server Adapter
I350-T4
Intel® Ethernet
Server Adapter
I350-T2
Intel® Ethernet
Server Adapter
I340-T4
Intel® Ethernet
Server Adapter
Gigabit ET Dual Port
Intel® Ethernet
Server Adapter
Gigabit ET2 Quad Port
Intel® Ethernet
Server Adapter
PRO/1000 PT
Intel® Ethernet
Server Adapter
I350-F2
Intel® Ethernet
Server Adapter
I350-F4
Intel® Ethernet
Server Adapter
I340-F4
Intel® Ethernet
Server Adapter
Gigabit EF Dual Port
Intel® Ethernet
Server Adapter
PRO/1000 PF
Intel® Ethernet
Desktop Adapter
Gigabit CT
Product Code
I350T4
I350T4BLK
I350T2
I350T2BLK
E1G44HT
E1G44HTBLK
E1G42ET
E1G42ETBLK
E1G44ET2
E1G44ET2BLK
EXPI9400PT
EXPI9400PTBLK
1350F2
I350F2BLK
I350F4
I350F4BLK
E1G44HF
E1G44HFBLK
E1G42EF
E1G42EFBLK
EXPI9400PF
EXPI9400PFBLK
EXPI9301CT
EXPl9301CTBLK
Ethernet Controller(s)
Intel® I350
Intel® I350
Intel® 82580
Intel® 82576
Intel® 82576
Intel® 82572
Intel® I350
Intel® I350
Intel® 82580
Intel® 82576
Intel® 82572
Intel® 82574
Connector & Cable Medium
RJ-45 Copper
RJ-45 Copper
RJ-45 Copper
RJ-45 Copper
RJ-45 Copper
RJ-45 Copper
LC Fiber Optic
LC Fiber Optic
Fiber Optic
Fiber Optic
Fiber Optic
RJ-45 Copper
Cabling Type
Cat 5e
up to 100 m
Cat 5e
up to 100 m
Cat 5e
up to 100 m
Cat 5e
up to 100 m
Cat 5e
up to 100 m
Cat 5e
up to 100 m
MMF 62.5 µm up to 275 m
MMF 50 µm up to 550 m
MMF 62.5 µm up to 275 m
MMF 50 µm up to 550 m
MMF 62.5 µm up to 275 m
MMF 50 µm up to 550 m
MMF 62.5 µm up to 275 m
MMF 50 µm up to 550 m
MMF 62.5/50 µm
up to 275 m
Cat 5e
up to 100 m
Slot Type, Maximum Bus
Speed & Slot Width
PCI Express* 2.1
5 GT/s Lane x 4 Lane
PCI Express* 2.1
5 GT/s Lane x 4 Lane
PCI Express* 2.0
5 GT/s Lane x 4 Lane
PCI Express* 2.0
2.5 GT/s Lane x 4 Lane
PCI Express* 2.0
2.5 GT/s Lane x 4 Lane
PCI Express* 2.0
2.5 GT/s Lane x 1 Lane
PCI Express* 2.1
5 GT/s Lane x 4 Lane
PCI Express* 2.1
5 GT/s Lane x 4 Lane
PCI Express* 2.0
5 GT/s Lane x 4 Lane
PCI Express* 2.0
2.5 GT/s Lane x 4 Lane
PCI Express* 2.0
2.5 GT/s Lane x 4 Lane
PCI Express* 2.0
2.5 GT/s Lane x 1 Lane
Ports
Quad Port
Dual Port
Quad Port
Dual Port
Quad Port
Single Port
Dual Port
Quad Port
Quad Port
Dual Port
Single Port
Single Port
Supported Slot Height(s)
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Full Height
Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Halogen Free
Yes
Yes
Yes
NA
NA
NA
NA
NA
NA
NA
NA
NA
Intelligent Offloads
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
NA
Intel® VT for Connectivity
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
NA
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
NA
NA
Storage over Ethernet
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
Intel® Ethernet Power
Management1
Yes
Yes
NA
NA
NA
NA
Yes
Yes
NA
NA
NA
NA
Speed
10 Gigabit for Servers and Workstations
Copper
Fiber
Brand Name
Intel® Ethernet
Converged Network Adapter
X540-T2
Intel® Ethernet
Converged Network Adapter
X520-DA2
Intel® Ethernet
Server Adapter
10 Gigabit AT2
NetEffect™ Ethernet
Server Cluster Adapter
CX4
NetEffect™ Ethernet
Server Cluster Adapter
DA
Intel® Ethernet
Server Adapter
10 Gigabit CX4 Dual Port
Intel® Ethernet
Converged Network Adapter
X520-SR1
Intel® Ethernet
Converged Network Adapter
X520-SR2
Intel® Ethernet
Converged Network Adapter
X520-LR1
NetEffect™ Ethernet
Server Cluster Adapter
SFP+ SR
Product Code
X540T2
E10G42BTDA
E10G41AT2
E10G81GT2CX4
E10G81G2P
EXPX9502CX4
E10G41BFSR
E10G42BFSR
E10G41BFLR
E10G81GF2SR
Ethernet Controller(s)
Intel® X540
Intel® 82599ES
Intel® 82598EB
NetEffect™ NE020
NetEffect™ NE020
Intel® 82598EB
Intel® 82599ES
Intel® 82599ES
Intel® 82599ES
NetEffect™ NE020
Connector & Cable Medium
RJ-45 Copper
SFP+ Direct Attach Copper
RJ-45 Copper
CX4 Copper
SFP+ Direct Attach Copper
CX4 Copper
LC Fiber Optic
LC Fiber Optic
LC Fiber Optic
LC Fiber Optic
Cabling Type
Category-6 up to 55 m
Category-6A up to 100 m
SFP+ Direct Attached
Twin Axial Cabling up to 10 m
Category-6 up to 55 m
Category-6A up to 100 m
8 pair, 100 ohm
Twin Axial Cabling up to 15 m
SFP+ Direct Attached
Twin Axial Cabling up to 10 m
8 pair, 100 ohm
Twin Axial Cabling up to 15 m
MMF 62.5/50 µm
up to 300 m
MMF 62.5/50 µm
up to 300 m
SMF up to 10 km
MMF 62.5/50 µm
up to 300 m
Slot Type, Maximum Bus
Speed & Slot Width
PCI Express* 2.1
5.0 GT/s Lane x 8 Lane
PCI Express* 2.0
5.0 GT/s x 8 Lane
PCI Express* 2.0
2.5 GT/s Lane x 8 Lane
PCI Express* 1.1
2.5 GHz/Lane x 8 Lane
PCI Express* 1.1
2.5 GHz/Lane x 8 Lane
PCI Express* 2.0
2.5 GT/s Lane x 8 Lane
PCI Express* 2.0
5.0 GT/s x 8 Lane
PCI Express* 2.0
5.0 GT/s x 8 Lane
PCI Express* 2.0
5.0 GT/s x 8 Lane
PCI Express* 1.1
2.5 GHz/Lane x 8 Lane
Ports
Dual Port
Dual Port
Single Port
Single Port
Single Port
Dual Port
Single Port
Dual Port
Single Port
Single Port
Supported Slot Height(s)
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Low Profile and Full Height
Intelligent Offloads
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Intel® VT for Connectivity
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Virtual Machine
Device Queues (VMDq),
Hypervisor-based Port
Partitioning
NA
NA
On-chip QoS and Traffic
Management, Virtual Machine
Device Queues (VMDq),
Hypervisor-based Port
Partitioning
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
On-chip QoS and Traffic
Management, Flexible Port
Partitioning, Virtual Machine
Device Queues (VMDq),
PCI-SIG* SR-IOV capable
NA
Storage over Ethernet
iSCSI, FCoE, NFS
iSCSI, FCoE, NFS
iSCSI, FCoE, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, NFS
iSCSI, FCoE, NFS
iSCSI, FCoE, NFS
iSCSI, FCoE, NFS
iSCSI, NFS
iWARP/RDMA
NA
NA
NA
Yes
Yes
NA
NA
NA
NA
Yes
Reliable Performance
•
Best Choice for Virtualization
•
Unified Networking
Ethernet
Everywhere.
It Just Works.
For additional
product information,
please visit:
intel.com/go/ethernet
1
Intel® Ethernet Power Management includes Energy Efficient Ethernet (EEE) and DMA Coalescing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com