Electronic Components Datasheet Search
  English  ▼

X  

X540T2 Datasheet(PDF) 1 Page - Intel Corporation

Part # X540T2
Description  Ethernet Converged Network and Server Adapters Connectivity you can count on
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

X540T2 Datasheet(HTML) 1 Page - Intel Corporation

  X540T2 Datasheet HTML 1Page - Intel Corporation X540T2 Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Selection Guide
Intel® Ethernet
Converged Network
and Server Adapters
©2012IntelCorporation.Allrightsreserved.Intel,the
Intel logo, and Intel SingleDriver are trademarks or
registered trademarks of Intel Corporation or its
subsidiaries in the United States and other countries.
*Other names and brands may be claimed as the
property of others.
0412/TR/TF/PP/5K
252454-022
Quick and Easy Converged
Network and Server
Adapter Management
Powerful point-and-click configuration tool for
advanced adapter features, connection teaming,
even VLANs, with Intel® PROSet for Windows
Device Manager*.
• Convenient access to Intel® PROSet Utility, now
integrated in Windows Device Manager.
• Simple, integrated tools make it easy to manage and
troubleshoot Ethernet connections in both servers and
client computers.
• Supports multi-
vendor teaming
for adapter
compatibility with
most on-board
connections.
Ethernet Everywhere. It Just Works.
www.intel.com/go/ethernet
Intel® Ethernet
Converged Network
and Server Adapters
Connectivity you can count on
Reliable Performance
• Broad OS support
• Optimized for Intel® Architecture
• Low latency Ethernet
Best Choice for Virtualization
• Outstanding virtualization performance with Intel®
Virtualization Technology for Connectivity
• Leadership in virtual system scalability with Flexible
Port Partitioning (FPP) and intelligent offload
• Broad VM support (VMware ESXi*, Microsoft Hyper-V*,
KVM* and Xen*)
Unified Networking
• Full line of 10GbE Converged Network Adapters (CNA)
• Fibre Channel over Ethernet
• iSCSI with trusted, native OS support
• Support for data center bridging with lossless Ethernet
Platform Optimization
• Integrated PCI Express*
• Intel® Direct Data I/O Technology
Compatibility tested for trouble-free interoperability
with network infrastructure elements.
Broad selection from 10/100 Mbps to 10 Gbps, for
copper or fiber, from PCI to PCI Express*, BASE-T to SFP+,
with network reach from 1 meter to 10 kilometers and
in single- to quad-port configurations. Other form factors
including custom mezzanine cards and express modules
are available upon request.
Performance and reliability backed by more than
30 years of network connectivity experience and Intel
worldwide customer support.
Easy installation and management with Intel® Advanced
Network Services (Intel® ANS) and Intel® PROSet for
Windows Device Manager* and other tools.
Worldwide availability and environmentally friendly
for compliance with global market requirements.
UPDATED APRIL 2012


Similar Description - X540T2

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C410 DALLAS-DS80C410 Datasheet
2Mb / 102P
Network Microcontrollers with Ethernet and CAN
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
REV: 010705
DS80C410 MAXIM-DS80C410_09 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
logo
Intel Corporation
E10GSFPSR INTEL-E10GSFPSR Datasheet
253Kb / 5P
Dual- and Single-Port 10 Gigabit SFP Ethernet Converged Network Adapters Provide Ultimate Flexibility and Scalability in Virtual and Unified Storage Environments
logo
Silicon Laboratories
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
logo
Intel Corporation
E10G42BFSR INTEL-E10G42BFSR Datasheet
357Kb / 5P
Intel짰 Ethernet Converged Network Adapter X520
logo
Advantech Co., Ltd.
SKY-9232D3 ADVANTECH-SKY-9232D3 Datasheet
1Mb / 2P
2U 4Node Rackmount Server for Hyper-converged Infrastructure and Storage
21-Apr-2021
SKY-9234S3 ADVANTECH-SKY-9234S3 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
SKY-9240 ADVANTECH-SKY-9240 Datasheet
1Mb / 3P
2U4N Rackmount Server, Designed for Hyper-converged and HPC Application
10-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com