Electronic Components Datasheet Search
  English  ▼

X  

IR2136 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2136
Description  3-PHASE BRIDGE DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2136 Datasheet(HTML) 4 Page - International Rectifier

  IR2136 Datasheet HTML 1Page - International Rectifier IR2136 Datasheet HTML 2Page - International Rectifier IR2136 Datasheet HTML 3Page - International Rectifier IR2136 Datasheet HTML 4Page - International Rectifier IR2136 Datasheet HTML 5Page - International Rectifier IR2136 Datasheet HTML 6Page - International Rectifier IR2136 Datasheet HTML 7Page - International Rectifier IR2136 Datasheet HTML 8Page - International Rectifier IR2136 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.irf.com
4
IR213(6,62,63,65,66,67,68)(J&S) & PbF
Static Electrical Characteristics - (Continued)
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3 and
are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min Typ Max Units Test Conditions
IR2136(8)
7.4
8.2
9.0
IR21362
8.6
9.4
10.2
VCCUV-
VBSUV-
VCC and VBS supply
undervoltage negative going
threshold
IR2136(3,5,6,7) 10.4 10.9 11.4
IR2136
0.3
0.7
—
IR21362
0.5
1.0
—
VCCUVH
VBSUVH
VCC and VBS supply
undervoltage lockout
hysteresis
IR2136(3,5)
—
0.2
—
V
ILK
Offset supply leakage current
—
—
50
VB1,2,3 = VS1,2,3 =
600 V
IQBS
Quiescent VBS supply current
—
70
120
µA
IQCC
Quiescent VCC supply current
—
1.6
2.3
mA
VIN = 0 V or 5 V
VIN,CLAMP
Input clamp voltage (HIN, LIN, ITRIP and EN)
4.9
5.2
5.5
V
IIN =100 µA
IR2136(2,3,5)
—
200
300
ILIN+
Input bias current (LOUT = HI)
IR2136(6,7,8)
—
30
100
VLIN = 5 V
IR2136(2,3,5)
—
100
220
ILIN-
Input bias current (LOUT = LO)
IR2136(6,7,8)
—
0
1
VLIN = 0 V
IR2136(3,5)
—
200
300
IR21362
—
30
100
IHIN+
Input bias current (HOUT = HI)
IR2136(6,7,8)
—
30
100
VHIN = 5 V
IR2136(3,5)
—
100
220
IHIN-
Input bias current (HOUT = LO)
IR2136(2,6,7,8) —
0
1
VHIN = 0 V
IITRIP+
“High” ITRIP input bias current
—
30
100
VITRIP = 5 V
IITRIP-
“Low” ITRIP input bias current
—
0
1
VITRIP = 0 V
IEN+
“High” ENABLE input bias current
—
30
100
VENABLE = 5 V
IEN-
“Low” ENABLE input bias current
—
0
1
VENABLE =0 V
IRCIN
RCIN input bias current
—
0
1
µA
Vrcin= 0 V or
15 V
IO+
Output high short circuit pulsed current
120
200
—
Vo =0 V,
PW ≤10 µs
IO-
Output low short circuit pulsed current
250
350
—
mA
Vo =15 V,
PW ≤10 µs
Ron_RCIN
RCIN low on resistance
—
50
100
Ron_FAULT
FAULT low on resistance
—
50
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com