Electronic Components Datasheet Search
  English  ▼

X  

KMPC8315CVRAGDA Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 64Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 65Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 66Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 67Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 68Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 69Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 70Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 71Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
68
Freescale Semiconductor
Serial ATA (SATA)
NOTE
The allowance of the measurement point to be within 0.2 inches of the
package pins is meant to acknowledge that package/board routing may
benefit from D+ and D– not being exactly matched in length at the package
pin boundary.
Figure 52. Compliance Test/Measurement Load
17 Serial ATA (SATA)
The serial ATA (SATA) of the MPC8315E is designed to comply with Serial ATA 2.5 Specification. Note
that the external cabled applications or long backplane applications (Gen1x & Gen2x) are not supported.
17.1
Requirements for SATA REF_CLK
The reference clock for MPC8315E is a single ended input clock required for the SATA Interface
operation. The AC requirements for the SATA reference clock are listed in the this table.
Table 56. Reference Clock Input Requirements
Parameter
Symbol
Conditions
Min
Typical
Max
Unit
Note
Frequency range
tCLK_REF
—
50
75
150
MHz
1
Clock frequency tolerance
tCLK_TOL
—
-350
0
+350
ppm
—
Input High Voltage
VCLK_INHI
—2.0
—
—
V
—
Input Low Voltage
VCLK_INLo
——
—
0.7
V
—
Reference clock rise and fall time
tCLK_RISE/
tCLK_FALL
20% to 80% of
nominal amplitude
——
2
ns
—
Reference clock duty cycle
tCLK_DUTY
Measured at 1.6V
40
50
60
%
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com