Electronic Components Datasheet Search
  English  ▼

X  

MPC8315E Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
85
Package and Pin Listings
PCI_REQ0
E18
I/O
NVDD2_OFF
—
PCI_REQ1/CPCI_HS_ES
C18
I
NVDD2_OFF
—
PCI_REQ2
E17
I
NVDD2_OFF
—
PCI_GNT0
B20
I/O
NVDD2_OFF
—
PCI_GNT1/CPCI_HS_LED
D17
O
NVDD2_OFF
—
PCI_GNT2/CPCI_HS_ENUM
E15
O
NVDD2_OFF
—
M66EN
L24
I
NVDD2_OFF
—
PCI_CLK0
E23
O
NVDD2_OFF
—
PCI_CLK1
F24
O
NVDD2_OFF
—
PCI_CLK2
E25
O
NVDD2_OFF
—
PCI_PME
B23
I/O
NVDD2_OFF
2
ETSEC1/_USBULPI
GPIO_24/TSEC1_COL/USBDR_TXDRXD0
J1
I/O
LVDD1_OFF
—
GPIO_25/TSEC1_CRS/USBDR_TXDRXD1
H1
I/O
LVDD1_OFF
—
TSEC1_GTX_CLK/USBDR_TXDRXD2
K5
I/O
LVDD1_OFF
3
TSEC1_RX_CLK/USBDR_TXDRXD3
J4
I/O
LVDD1_OFF
—
TSCE1_RX_DV/USBDR_TXDRXD4
J2
I/O
LVDD1_OFF
—
TSEC1_RXD[3]/USBDR_TXDRXD5
G1
I/O
LVDD1_OFF
—
TSEC1_RXD[2]/USBDR_TXDRXD6
H3
I/O
LVDD1_OFF
—
TSEC1_RXD[1]/USBDR_TXDRXD7/TSEC
_TMR_CLK
J5
I/O
LVDD1_OFF
—
TSEC1_RXD[0]/USBDR_NXT/TSEC_TMR
_TRIG1
H2
I
LVDD1_OFF
—
TSEC1_RX_ER/USBDR_DIR/TSEC_TMR_
TRIG2
H5
I
LVDD1_OFF
—
TSEC1_TX_CLK/USBDR_CLK
G2
I
LVDD1_OFF
—
GPIO_28/TSEC1_TXD[3]/TSEC_TMR_GC
LK
F3
I/O
LVDD1_OFF
—
GPIO_29/TSEC1_TXD[2]/TSEC_TMR_PP1
F2
I/O
LVDD1_OFF
—
GPIO_30/TSEC1_TXD[1]/TSEC_TMR_PP2
F1
I/O
LVDD1_OFF
—
TSEC1_TXD[0]/USBDR_STP/
TSEC_TMR_PP3
G4
O
LVDD1_OFF
12
GPIO_31/TSEC1_TX_EN/TSEC_TMR_AL
ARM1
F4
I/O
LVDD1_OFF
—
TSEC1_TX_ER/TSEC_TMR_ALARM2
G5
O
LVDD1_OFF
—
TSEC_GTX_CLK125
D1
I
NVDD1_ON
—
TSEC_MDC/LB_POR_CFG_BOOT_ECC
E3
I/O
NVDD1_ON
9
TSEC_MDIO
E2
I/O
NVDD1_ON
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com