Electronic Components Datasheet Search
  English  ▼

X  

LC75813E Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC75813E
Description  1/3, 1/4 Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75813E Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75813E Datasheet HTML 5Page - Sanyo Semicon Device LC75813E Datasheet HTML 6Page - Sanyo Semicon Device LC75813E Datasheet HTML 7Page - Sanyo Semicon Device LC75813E Datasheet HTML 8Page - Sanyo Semicon Device LC75813E Datasheet HTML 9Page - Sanyo Semicon Device LC75813E Datasheet HTML 10Page - Sanyo Semicon Device LC75813E Datasheet HTML 11Page - Sanyo Semicon Device LC75813E Datasheet HTML 12Page - Sanyo Semicon Device LC75813E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
No. 7159--9/26
LC75813E, 75813T
Note: DD···Direction data.
• CCB address......40H
• D1 to D344........Display data
• P0 to P3 .............Segment output port/general-purpose output port switching control data
• DR .....................1/2 bias drive or 1/3 bias drive switching control data
• DT .....................1/3 duty drive or 1/4 duty drive switching control data
• FC......................Common and segment output waveforms frame frequency setting control data
• SC......................Segments on/off control data
• BU .....................Normal mode/power-saving mode control data
y When CL is stopped at the high level
B0
B1
B2
B3
A0
A1
A2
A3
B0
B1
B2
B3
A0
A1
A2
A3
B0
B1
B2
B3
A0
A1
A2
A3
B0
B1
B2
B3
A0
A1
A2
A3
D2
D1
0
0
0
0
0
0
DT
FC
SC
BU
0
0
P0
0
0
0
0
0
D83 D84 D85
D87 D88
D86
DI
CL
CE
1
0
P2
P1
DR
P3
0
0
0
0
0
0
D171 D172 D173 D174 D175 D176
D90
D89
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
D177 D178
D259 D260
1
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D262
D343 D344
D261
1
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CCB address
8 bits
Display data
88 bits
Control data
14 bits
DD
2 bits
CCB address
8 bits
Display data
88 bits
Fixed data
14 bits
DD
2 bits
CCB address
8 bits
Display data
84 bits
Fixed data
18 bits
DD
2 bits
CCB address
8 bits
Display data
84 bits
Fixed data
18 bits
DD
2 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com