Electronic Components Datasheet Search
  English  ▼

X  

EL4581CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4581CS
Description  Sync Separator, 50% Slice, S-H, Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4581CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4581CS Datasheet HTML 1Page - Elantec Semiconductor EL4581CS Datasheet HTML 2Page - Elantec Semiconductor EL4581CS Datasheet HTML 3Page - Elantec Semiconductor EL4581CS Datasheet HTML 4Page - Elantec Semiconductor EL4581CS Datasheet HTML 5Page - Elantec Semiconductor EL4581CS Datasheet HTML 6Page - Elantec Semiconductor EL4581CS Datasheet HTML 7Page - Elantec Semiconductor EL4581CS Datasheet HTML 8Page - Elantec Semiconductor EL4581CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL4581C
Sync Separator 50% Slice S-H Filter
Dynamic Characteristics
VDD e 5V IV pk-pk video TA e 25 C CL e 15 pF IOH eb16 mA IOL e 16 mA Signal voltages are peak to peak
Parameter
Description
Temp
Min
Typ
Max
Test
Units
Level
Vertical Sync Width tVS
(Note 3)
25 C
190
230
300
I
ms
BurstBack Porch Width tB
(Note 3)
25 C
25
35
45
I
ms
Vertical Sync Default Delay tVSD
25 C40
55
70
I
ms
Filter Attenuation
FIN e 34 MHz (Note 4)
25 C24
V
dB
Composite Sync Prop Delay
VINb Composite Sync
25 C
260
400
I
ns
(Note 3)
Input Dynamic Range
p-p NTSC Signal
25 C
05
2
I
V
(Note 5)
Slice Level
Input Voltage e 1VP-P
25 C
40%
50%
60%
I
(Note 6)
Full
40%
50%
60%
IV
Note 3 CS Vertical and Burst outputs are all active low b VOH e 24V VOL e 08V
Note 4 Attenuation is a function of Rset (PIN6)
Note 5 Typical min is 03 VP-P
Note 6 Refers to threshold level of sync tip to back porch amplitude
Pin Descriptions
Pin No
Pin Name
Function
1
Composite Sync Out
Composite sync pulse output Sync pulses start on a falling edge and end on a rising edge
2
Composite Video in
AC coupled composite video input Sync tip must be at the lowest potential (Positive
picture phase)
3
Vertical Sync Out
Vertical sync pulse output The falling edge of Vert Sync is the start of the vertical period
4
GND
Supply ground
5
BurstBack Porch Output
BurstBack porch output Low during burst portion of composite video
6RSET
An external resistor to ground sets all internal timing 681k 1% resistor will provide correct
timing for NTSC signals
7
OddEven Output
OddEven field output Low during odd fields high during even fields Transitions occur at
start of Vert Sync pulse
8VDD 5V
Positive supply (5V)
Note RSET must be a 1% resistor
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com