Electronic Components Datasheet Search
  English  ▼

X  

RCSC1902136 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RCSC1902136
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RCSC1902136 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RCSC1902136 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO. RCSC1902136
PART NUMBERS
PAINTED BLACK TEXTURED
RCSC1902136BK1
NOTES
Shipped knockdown for handling ease & protection
See Hammond Website for Additional Accessories
Item Number
Title
Quantity
1
RCSC - BOTTOM PANEL
1
2
RCSC - LH SIDE FRAME
1
3
RCSC - RH SIDE FRAME
1
4
RCSC - TOP PANEL
1
5
RCSC - 12U PUNCHED PANEL RAIL
4
6
SCREW M6 X 1.0 X 12MM
8
7
PLUG - 1.00" DIA. HOLE
4
8
PLUG - 0.38" X 1.13" CUTOUT
8
FRONT VIEW
TOP VIEW
BOTTOM VIEW
SIDE VIEW
A
A
SECTION A-A
B
B
SECTION B-B
DETAIL C
.00 in
0 mm
1.19 in
30 mm
4.82 in
122 mm
2X
7.75 in
197 mm
2X
2.68 in
68 mm
3" X 3" CABLE
PASS-THRU HOLE
(KNOCK-OUT)
O
.28 in
7 mm
4X
MTG HOLES FOR
OPTIONAL CASTERS
5/16-18 THREAD
THRU
21.03 in
534 mm
(12U)
18.35 in
466 mm
19" MTG
19.09 in
485 mm
USABLE
SPACE
36.00 in
914 mm
34.49 in
876 mm
USABLE
SPACE
4" MUFFIN FAN
CUTOUT OR CABLE
PASS-THRU HOLE
(KNOCK-OUT)
4.06 in
103 mm
15.89 in
404 mm
2.00 X 3.00
DOUBLE KNOCK-OUT
(2 PER SIDE)
CABLE-TIE LANCE
(5 PER SIDE)
25.28 in
642 mm
3
2
1
4
5
6
7
8
REAR VIEW
1.50 X 10.00
GLAND OPENING
(KNOCK-OUT)
24.00 in
610 mm
29.92 in
760 mm
MTG
DEPTH


Similar Part No. - RCSC1902136

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RCSC1902136BK1 HAMMOND-RCSC1902136BK1 Datasheet
81Kb / 2P
Armoire empilable a assembler
More results

Similar Description - RCSC1902136

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487DV1 HAMMOND-1487DV1 Datasheet
155Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487DV2 HAMMOND-1487DV2 Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E12SS HAMMOND-1487E12SS Datasheet
55Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E24 HAMMOND-1487E24 Datasheet
167Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E48 HAMMOND-1487E48 Datasheet
188Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487E120 HAMMOND-1487E120 Datasheet
190Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EHSS HAMMOND-1487EHSS Datasheet
14Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EK HAMMOND-1487EK Datasheet
94Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EL2SS HAMMOND-1487EL2SS Datasheet
16Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487EM6 HAMMOND-1487EM6 Datasheet
133Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com