Electronic Components Datasheet Search
  English  ▼

X  

EL5196CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5196CS
Description  Single 400MHz Fixed Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5196CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5196CS Datasheet HTML 1Page - Elantec Semiconductor EL5196CS Datasheet HTML 2Page - Elantec Semiconductor EL5196CS Datasheet HTML 3Page - Elantec Semiconductor EL5196CS Datasheet HTML 4Page - Elantec Semiconductor EL5196CS Datasheet HTML 5Page - Elantec Semiconductor EL5196CS Datasheet HTML 6Page - Elantec Semiconductor EL5196CS Datasheet HTML 7Page - Elantec Semiconductor EL5196CS Datasheet HTML 8Page - Elantec Semiconductor EL5196CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5196C is a fixed gain amplifier with a bandwidth of 400MHz,
making these amplifiers ideal for today’s high speed video and moni-
tor applications. The EL5196C features internal gain setting resistors
and can be configured in a gain of +1, -1 or +2. The same bandwidth is
seen in both gain-of-1 and gain-of-2 applications.
For applications where board space is critical, the EL5196C is offered
in the 5-pin SOT23 package, as well as an 8-pin SO. The EL5196C
operates over the industrial temperature range of -40
°C to +85°C.
Pin Configurations
1
2
3
5
4
EL5196CW
5-Pin SOT23
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
8
7
6
5
EL5196CS
8-Pin SO
-
+
NC
IN-
IN+
NC*
VS+
OUT
VS-
NC
* This pin must be left disconnected
Features
• Gain selectable (+1, -1, +2)
• 400MHz -3dB BW (AV = 1, 2)
• 9mA supply current
• Single and dual supply operation,
from 5V to 10V
• Available in 5-pin SOT23 package
• Triple (EL5396C) available
• 200MHz, 4mA product available
(EL5197C, EL5397C)
Applications
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters
Ordering Information
Part No
Package
Tape &
Reel
Outline #
EL5196CW-T7
5-Pin SOT23
7”
MDP0038
EL5196CW-T13
5-Pin SOT23
13”
MDP0038
EL5196CS
8-Pin SO
-
MDP0027
EL5196CS-T7
8-Pin SO
7”
MDP0027
EL5196CS-T13
8-Pin SO
13”
MDP0027
EL5196C - Preliminary
Single 400MHz Fixed Gain Amplifier


Similar Part No. - EL5196CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL5196C ETC1-EL5196C Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196CW-T13 ETC1-EL5196CW-T13 Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
EL5196CW-T7 ETC1-EL5196CW-T7 Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196CW-T7 INTERSIL-EL5196CW-T7 Datasheet
264Kb / 13P
Single 400MHz Fixed Gain Amplifier with Enable
March 12, 2004
EL5196CW-T7A INTERSIL-EL5196CW-T7A Datasheet
264Kb / 13P
Single 400MHz Fixed Gain Amplifier with Enable
March 12, 2004
More results

Similar Description - EL5196CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
Single 200MHz Fixed Gain Amplifier
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
Single 200MHz Fixed Gain Amplifier with Enable
August 3, 2005
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
January 22, 2004
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
Single 400MHz Fixed Gain Amplifier with Enable
March 12, 2004
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
Single 200MHz Fixed Gain Amplifier with Enable
May 16, 2007
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com