Electronic Components Datasheet Search
  English  ▼

X  

EL5197CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL5197CS
Description  Single 200MHz Fixed Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5197CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL5197CS Datasheet HTML 1Page - Elantec Semiconductor EL5197CS Datasheet HTML 2Page - Elantec Semiconductor EL5197CS Datasheet HTML 3Page - Elantec Semiconductor EL5197CS Datasheet HTML 4Page - Elantec Semiconductor EL5197CS Datasheet HTML 5Page - Elantec Semiconductor EL5197CS Datasheet HTML 6Page - Elantec Semiconductor EL5197CS Datasheet HTML 7Page - Elantec Semiconductor EL5197CS Datasheet HTML 8Page - Elantec Semiconductor EL5197CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
EL5197C, EL5197AC
Single 200MHz Fixed Gain Amplifier with Enable
Typical Performance Curves
Frequency Response (Gain)
1M
10M
100M
1G
6
2
-2
-6
-14
Frequency (Hz)
AV=2
AV=1
AV=-1
RL=150
Ω
Frequency Response (Phase), All Gains
1M
10M
100M
1G
Frequency (Hz)
RL=150
Ω
90
0
-90
-180
-270
-360
-10
Frequency Response for Various CL
1M
10M
100M
1G
14
10
6
2
-6
Frequency (Hz)
AV=2
RL=150
Ω
22pF added
10pF added
0pF added
Group Delay vs Frequency
1M
10M
100M
1G
3.5
3
2
1
0
Frequency (Hz)
AV=2
AV=1
RL=150
Ω
Frequency Response for Various Common-Mode Input
Voltages
1M
10M
100M
1G
6
-2
-6
-10
-14
Frequency (Hz)
AV=2
RL=150
Ω
3V
0V
-3V
2.5
1.5
0.5
-2
2
Transimpedance (ROL) vs Frequency
1k
Frequency (Hz)
10k
100k
1M
10M
100M
1G
10M
100
1k
10k
100k
1M
-90
-180
-270
-360
0
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com