Electronic Components Datasheet Search
  English  ▼

X  

EL5281CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5281CS
Description  Dual 8ns High-Speed Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5281CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5281CS Datasheet HTML 1Page - Elantec Semiconductor EL5281CS Datasheet HTML 2Page - Elantec Semiconductor EL5281CS Datasheet HTML 3Page - Elantec Semiconductor EL5281CS Datasheet HTML 4Page - Elantec Semiconductor EL5281CS Datasheet HTML 5Page - Elantec Semiconductor EL5281CS Datasheet HTML 6Page - Elantec Semiconductor EL5281CS Datasheet HTML 7Page - Elantec Semiconductor EL5281CS Datasheet HTML 8Page - Elantec Semiconductor EL5281CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5281C comparator is designed for operation in single supply
and dual supply applications with 5V to 12V between VS+ and VS-.
For single supplies, the inputs can operate from 0.1V below ground for
use in ground-sensing applications.
The output side of the comparator can be supplied from a single sup-
ply of 2.7V to 5V. The rail-to-rail output swing enables direct
connection of the comparator to both CMOS and TTL logic circuits.
The latch input of the EL5281C can be used to hold the comparator
output value by applying a low logic level to the pin. The EL5281C
features two separate comparators.
The EL5281C is available in the 14-pin SO package and is specified
for operation over the full -40°C to +85°C temperature range. Also
available are a single (EL5181C) and quad versions (EL5481C and
EL5482C).
Pin Configuration
1
2
3
4
14
13
12
11
5
6
7
10
9
8
EL5281C
14-Pin SO
VS+
INA+
INA-
NC
INB+
INB-
VS-
VSD
OUTA
LATCHA
NC
LATCHB
OUTB
GND
+
-
+
-
Features
• 8ns Typ. Propagation Delay
• 5V to 12V Input Supply
• +2.7V to +5V Output Supply
• True-to-ground Input
• Rail-to-rail Outputs
• Active Low Latch
• Single Available (EL5181C)
• Quad Available (EL5481C &
EL5482C)
• Pin-compatible 4ns Family
Available (EL5x85C, EL5287C &
EL5486C)
Applications
• Threshold Detection
• High Speed Sampling Circuits
• High Speed Triggers
• Line Receivers
• PWM Circuits
• High Speed V/F Converters
Ordering Information
Part No.
Package
Tape & Reel
Outline #
EL5281CS
14-Pin SO
-
MDP0027
EL5281CS-T7
14-Pin SO
7”
MDP0027
EL5281CS-T13
14-Pin SO
13”
MDP0027
EL5281C
Dual 8ns High-Speed Comparator


Similar Part No. - EL5281CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5281CS INTERSIL-EL5281CS Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
EL5281CS-T13 INTERSIL-EL5281CS-T13 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
EL5281CS-T7 INTERSIL-EL5281CS-T7 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
More results

Similar Description - EL5281CS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
HIGH SPEED DUAL COMPARATOR
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
8ns High-Speed Comparator
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
High Speed Dual Comparator
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com